Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356 Datasheet(PDF) 8 Page - Intel Corporation

Part # 356
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

356 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 356 Datasheet HTML 4Page - Intel Corporation 356 Datasheet HTML 5Page - Intel Corporation 356 Datasheet HTML 6Page - Intel Corporation 356 Datasheet HTML 7Page - Intel Corporation 356 Datasheet HTML 8Page - Intel Corporation 356 Datasheet HTML 9Page - Intel Corporation 356 Datasheet HTML 10Page - Intel Corporation 356 Datasheet HTML 11Page - Intel Corporation 356 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
8
Datasheet
Intel® Celeron® D Processor 300
Sequence Features
The Intel® Celeron® D processor family expands Intel’s processor family into the value-priced PC
market segment. Celeron D processors provide the value that offers the customer the capability to
affordably get onto the Internet, and use educational programs, home-office software, and
productivity applications. All of the Celeron D processors include an integrated L2 cache, and are built
on Intel’s advanced CMOS process technology. The Celeron D processor is backed by over 30 years of
Intel experience in manufacturing high-quality, reliable microprocessors.
Intel® 64 architecture enables Celeron D processors to execute operating systems and applications
written to take advantage of the Intel 64 architecture.
The Celeron D processor also includes the Execute Disable Bit capability. This feature, combined with
a supported operating system, allows memory to be marked as executable or non-executable.
§ §
• Available at 3.66 GHz, 3.46 GHz, 3.33 GHz,
3.2 GHz, and 3.06 GHz
• Supports Intel® 64 architecture
• Supports Execute Disable Bit capability
• Binary compatible with applications running
on previous members of the Intel
microprocessor line
• Intel NetBurst® microarchitecture
• FSB frequency at 533 MHz
• Hyper-Pipelined Technology
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• 144 Streaming SIMD Extensions 2 (SSE2)
instructions
• 13 Streaming SIMD Extensions 3 (SSE3)
instructions
• Two 16-KB Level 1 data caches
• 256-KB Advanced Transfer Cache (on-die,
full-speed Level 2 (L2) cache) with 8-way
associativity and Error Correcting Code
(ECC)
• 8-way cache associativity provides improved
cache hit rate on load/store operations
• Enhanced floating point and multimedia unit
for enhanced video, audio, encryption, and
3D performance
• Power Management capabilities
• System Management mode
•Multiple low-power states
• 775-land Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com