Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356 Datasheet(PDF) 83 Page - Intel Corporation

Part # 356
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

356 Datasheet(HTML) 83 Page - Intel Corporation

Back Button 356 Datasheet HTML 79Page - Intel Corporation 356 Datasheet HTML 80Page - Intel Corporation 356 Datasheet HTML 81Page - Intel Corporation 356 Datasheet HTML 82Page - Intel Corporation 356 Datasheet HTML 83Page - Intel Corporation 356 Datasheet HTML 84Page - Intel Corporation 356 Datasheet HTML 85Page - Intel Corporation 356 Datasheet HTML 86Page - Intel Corporation 356 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 95 page
background image
Datasheet
83
Thermal Specifications and Design Considerations
When calculating a temperature based on thermal diode measurements, a number of
parameters must be either measured or assumed. Most devices measure the diode
ideality and assume a series resistance and ideality trim value, although some are
capable of also measuring the series resistance. Calculating the temperature is then
accomplished using the equations listed under Table 30. In most temperature sensing
devices, an expected value for the diode ideality is designed-in to the temperature
calculation equation. If the designer of the temperature sensing device assumes a
perfect diode the ideality value (also called ntrim) will be 1.000. Given that most diodes
are not perfect, the designers usually select a ntrim value that more closely matches the
behavior of the diodes in the processor. If the processors diode ideality deviates from
that of ntrim, each calculated temperature will be offset by a fixed amount. This
temperature offset can be calculated with the equation:
Terror(nf) = Tmeasured X (1 – nactual/ntrim)
Where Terror(nf) is the offset in degrees C, Tmeasured is in Kelvin, nactual is the measured
ideality of the diode, and ntrim is the diode ideality assumed by the temperature
sensing device.
To improve the accuracy of diode based temperature measurements, a new register
containing Thermal Diode Offset data has been added to the Celeron D processor.
During manufacturing, each processors thermal diode will be evaluated for its behavior
relative to a theoretical diode. Using the equation above, the temperature error created
by the difference between ntrim and the actual ideality of the particular processor will
be calculated. This Thermal Diode Offset value will be programmed in to the new diode
correction MSR and when added to the Thermal Diode Base value can be used to
correct temperatures read by diode based temperature sensing devices.
If the ntrim value used to calculate the Thermal Diode Offset differs from the ntrim value
used in a temperature sensing device, the Terror(nf) may not be accurate. If desired, the
Thermal Diode Offset can be adjusted by calculating nactual and then recalculating the
offset using the actual ntrim as defined in the temperature sensor manufacturers'
datasheet.
The Diode_Base value and ntrim used to calculate the Diode_Correction_Offset are
listed in Table 32.
§ §
Table 32.
Thermal “Diode” ntrim and Diode_Correction_Offset
Symbol
Parameter
Unit
ntrim
Diode ideality used to calculate Diode_Offset
1.008
Diode_Base
Diode Base
0
C
Table 33.
Thermal Diode Interface
Signal Name
Land Number
Signal Description
THERMDA
AL1
diode anode
THERMDC
AK1
diode cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com