Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356 Datasheet(PDF) 91 Page - Intel Corporation

Part # 356
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

356 Datasheet(HTML) 91 Page - Intel Corporation

Back Button 356 Datasheet HTML 87Page - Intel Corporation 356 Datasheet HTML 88Page - Intel Corporation 356 Datasheet HTML 89Page - Intel Corporation 356 Datasheet HTML 90Page - Intel Corporation 356 Datasheet HTML 91Page - Intel Corporation 356 Datasheet HTML 92Page - Intel Corporation 356 Datasheet HTML 93Page - Intel Corporation 356 Datasheet HTML 94Page - Intel Corporation 356 Datasheet HTML 95Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 91 / 95 page
background image
Datasheet
91
Boxed Processor Specifications
7.1.2
Boxed Processor Fan Heatsink Weight
The boxed processor fan heatsink will not weigh more than 550 grams. See Chapter 5
and the appropriate processor Thermal and Mechanical Design Guidelines (see
Section 1.2) for details on the processor weight and heatsink requirements.
7.1.3
Boxed Processor Retention Mechanism and Heatsink
Attach Clip Assembly
The boxed processor thermal solution requires a heatsink attach clip assembly, to
secure the processor and fan heatsink in the baseboard socket. The boxed processor
will ship with the heatsink attach clip assembly.
7.2
Electrical Requirements
7.2.1
Fan Heatsink Power Supply
The boxed processor's fan heatsink requires a +12 V power supply. A fan power cable
will be shipped with the boxed processor to draw power from a power header on the
baseboard. The power cable connector and pinout are shown in Figure 20. Baseboards
must provide a matched power header to support the boxed processor. Table 35
contains specifications for the input and output signals at the fan heatsink connector.
The fan heatsink outputs a SENSE signal that is an open-collector output that pulses at
a rate of two pulses per fan revolution. A baseboard pull-up resistor provides VOH to
match the system board-mounted fan speed monitor requirements, if applicable. Use of
the SENSE signal is optional. If the SENSE signal is not used, pin 3 of the connector
should be tied to GND.
The fan heatsink receives a PWM signal from the motherboard from the fourth pin of
the connector labeled as CONTROL.
Figure 19.
Space Requirements for the Boxed Processor (Overall View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com