Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

335 Datasheet(PDF) 81 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 81 Page - Intel Corporation

Back Button 335 Datasheet HTML 74Page - Intel Corporation 335 Datasheet HTML 75Page - Intel Corporation 335 Datasheet HTML 76Page - Intel Corporation 335 Datasheet HTML 77Page - Intel Corporation 335 Datasheet HTML 78Page - Intel Corporation 335 Datasheet HTML 79Page - Intel Corporation 335 Datasheet HTML 80Page - Intel Corporation 335 Datasheet HTML 81Page - Intel Corporation 335 Datasheet HTML 82Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
Datasheet
81
Debug Tools Specifications
8
Debug Tools Specifications
Refer to the ITP700 Debug Port Design Guide for information regarding debug tools
specifications. The ITP700 Debug Port Design Guide is located on http://developer.intel.com.
8.1
Logic Analyzer Interface (LAI)
Intel is working with two logic analyzer vendors to provide logic analyzer interfaces (LAIs) for use
in debugging Celeron D processor systems. Tektronix and Agilent should be contacted to obtain
specific information about their logic analyzer interfaces. The following information is general in
nature. Specific information must be obtained from the logic analyzer vendor.
Due to the complexity of Celeron D processor systems, the LAI is critical in providing the ability to
probe and capture FSB signals. There are two sets of considerations to keep in mind when
designing a Celeron D processor system that can make use of an LAI: mechanical and electrical.
8.1.1
Mechanical Considerations
The LAI is installed between the processor socket and the Celeron D processor. The LAI pins plug
into the socket, while the Celeron D processor pins plug into a socket on the LAI. Cabling that is
part of the LAI egresses the system to allow an electrical connection between the Celeron D
processor and a logic analyzer. The maximum volume occupied by the LAI, known as the keepout
volume, as well as the cable egress restrictions, should be obtained from the logic analyzer vendor.
System designers must make sure that the keepout volume remains unobstructed inside the system.
Note that it is possible that the keepout volume reserved for the LAI may differ from the space
normally occupied by the Celeron D processor heatsink. If this is the case, the logic analyzer
vendor will provide a cooling solution as part of the LAI.
8.1.2
Electrical Considerations
The LAI will also affect the electrical performance of the FSB; therefore, it is critical to obtain
electrical load models from each of the logic analyzers to be able to run system level simulations to
prove that their tool will work in the system. Contact the logic analyzer vendor for electrical
specifications and load models for the LAI solution they provide.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com