Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

335 Datasheet(PDF) 55 Page - Intel Corporation

Part # 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

335 Datasheet(HTML) 55 Page - Intel Corporation

Back Button 335 Datasheet HTML 51Page - Intel Corporation 335 Datasheet HTML 52Page - Intel Corporation 335 Datasheet HTML 53Page - Intel Corporation 335 Datasheet HTML 54Page - Intel Corporation 335 Datasheet HTML 55Page - Intel Corporation 335 Datasheet HTML 56Page - Intel Corporation 335 Datasheet HTML 57Page - Intel Corporation 335 Datasheet HTML 58Page - Intel Corporation 335 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
Datasheet
55
Pin Listing and Signal Descriptions
BINIT#
Input/
Output
BINIT# (Bus Initialization) may be observed and driven by all processor FSB
agents and if used, must connect the appropriate pins of all such agents. If the
BINIT# driver is enabled during power-on configuration, BINIT# is asserted to
signal any bus condition that prevents reliable future operation.
If BINIT# observation is enabled during power-on configuration, and BINIT# is
sampled asserted, symmetric agents reset their bus LOCK# activity and bus
request arbitration state machines. The bus agents do not reset their IOQ and
transaction tracking state machines upon observation of BINIT# activation. Once
the BINIT# assertion has been observed, the bus agents will re-arbitrate for the
FSB and attempt completion of their bus queue and IOQ entries.
If BINIT# observation is disabled during power-on configuration, a central agent
may handle an assertion of BINIT# as appropriate to the error handling
architecture of the system.
BNR#
Input/
Output
BNR# (Block Next Request) is used to assert a bus stall by any bus agent who is
unable to accept new bus transactions. During a bus stall, the current bus owner
cannot issue any new transactions.
BOOTSELECT
Input
This input is required to determine whether the processor is installed in a
platform that supports the Celeron D processor. The Celeron D processor will not
operate if this pin is low. This input has a weak internal pull-up.
BPM[5:0]#
Input/
Output
BPM[5:0]# (Breakpoint Monitor) are breakpoint and performance monitor
signals. They are outputs from the processor which indicate the status of
breakpoints and programmable counters used for monitoring processor
performance. BPM[5:0]# should connect the appropriate pins of all Celeron D
processor FSB agents.
BPM4# provides PRDY# (Probe Ready) functionality for the TAP port. PRDY# is
a processor output used by debug tools to determine processor debug
readiness.
BPM5# provides PREQ# (Probe Request) functionality for the TAP port. PREQ#
is used by debug tools to request debug operation of the processor.
Refer to the applicable chipset platform design guide for more detailed
information.
These signals do not have on-die termination. Refer to Section 2.5, and the
applicable chipset platform design guide for termination requirements.
BPRI#
Input
BPRI# (Bus Priority Request) is used to arbitrate for ownership of the processor
FSB. It must connect the appropriate pins of all processor FSB agents.
Observing BPRI# active (as asserted by the priority agent) causes all other
agents to stop issuing new requests, unless such requests are part of an
ongoing locked operation. The priority agent keeps BPRI# asserted until all of its
requests are completed, then releases the bus by de-asserting BPRI#.
BR0#
Input/
Output
BR0# (Bus Request 0) drives the BREQ0# signal in the system and is used by
the processor to request the bus. During power-on configuration this pin is
sampled to determine the agent ID = 0.
This signal does not have on-die termination and must be terminated.
BSEL[1:0]
Output
The BCLK[1:0] frequency select signals BSEL[1:0] are used to select the
processor input clock frequency. Table 2-6 defines the possible combinations of
the signals and the frequency associated with each combination. The required
frequency is determined by the processor, chipset and clock synthesizer. All
agents must operate at the same frequency. For more information about these
pins, including termination recommendations refer to Section 2.9 and the
appropriate platform design guidelines.
COMP[1:0]
Analog
COMP[1:0] must be terminated on the system board using precision resistors.
Refer to the applicable chipset platform design guide for details on
implementation.
Table 4-3. Signal Description (Sheet 2 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com