Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

347 Datasheet(PDF) 9 Page - Intel Corporation

Part # 347
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

347 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 347 Datasheet HTML 5Page - Intel Corporation 347 Datasheet HTML 6Page - Intel Corporation 347 Datasheet HTML 7Page - Intel Corporation 347 Datasheet HTML 8Page - Intel Corporation 347 Datasheet HTML 9Page - Intel Corporation 347 Datasheet HTML 10Page - Intel Corporation 347 Datasheet HTML 11Page - Intel Corporation 347 Datasheet HTML 12Page - Intel Corporation 347 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
Datasheet
9
Introduction
1
Introduction
The Intel® Celeron® D processors 365, 360, 356, 352, and 347 are single-core desktop
processors on the 65 nm process. The processor uses Flip-Chip Land Grid Array (FC-
LGA6) package technology, and plugs into the LGA775 socket.
Note:
In this document the Intel® Celeron® D processor 300 sequence on the 65 nm process
is referred to as the “Celeron D processor” or simply “the processor.”
Note:
In this document, unless otherwise specified, the Intel® Celeron® D processor 300
sequence refers to Intel Celeron D processors 365, 360, 356, 352, and 347.
The Celeron D processor supports Intel® 64 architecture as an enhancement to Intel’s
IA-32 architecture. This enhancement enables the processor to execute operating
systems and applications written to take advantage of Intel 64 architecture. Further
details on the 64-bit extension architecture and programming model can be found in
the Intel® Extended Memory 64 Technology Software Developer Guide at http://
developer.intel.com/technology/64bitextensions/.
The Celeron D processor is based on the Intel 32-bit microarchitecture and maintains
the tradition of compatibility with IA-32 software. It has the Front Side Bus (FSB) data
transfer speed at 533 MB/s and Level 2 cache size of 512 KB.
The Celeron D processor also includes the Execute Disable Bit capability. This feature,
combined with a supported operating system, allows memory to be marked as
executable or non-executable. If code attempts to run in non-executable memory, the
processor raises an error to the operating system. This feature can prevent some
classes of viruses or worms that exploit buffer over run vulnerabilities and can, thus,
help improve the overall security of the system. See the Intel® Architecture Software
Developer's Manual for more detailed information.
Intel will enable support components for the Celeron D processor including heatsink,
heatsink retention mechanism, and socket. Manufacturability is a high priority; hence,
mechanical assembly may be completed from the top of the baseboard and should not
require any special tooling.
The processor includes an address bus power down capability that removes power from
the address and data signals when the FSB is not in use. This feature is always enabled
on the processor.
1.1
Terminology
A ‘#’ symbol after a signal name refers to an active low signal, indicating a signal is in
the active state when driven to a low level. For example, when RESET# is low, a reset
has been requested. Conversely, when NMI is high, a nonmaskable interrupt has
occurred. In the case of signals where the name does not imply an active state but
describes part of a binary sequence (such as address or data), the ‘#’ symbol implies
that the signal is inverted. For example, D[3:0] = ‘HLHL’ refers to a hex ‘A’, and
D[3:0]# = ‘LHLH’ also refers to a hex ‘A’ (H= High logic level, L= Low logic level).
“Front Side Bus” refers to the interface between the processor and system core logic
(a.k.a. the chipset components). The FSB is a multiprocessing interface to processors,
memory, and I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com