Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

347 Datasheet(PDF) 93 Page - Intel Corporation

Part # 347
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

347 Datasheet(HTML) 93 Page - Intel Corporation

Back Button 347 Datasheet HTML 87Page - Intel Corporation 347 Datasheet HTML 88Page - Intel Corporation 347 Datasheet HTML 89Page - Intel Corporation 347 Datasheet HTML 90Page - Intel Corporation 347 Datasheet HTML 91Page - Intel Corporation 347 Datasheet HTML 92Page - Intel Corporation 347 Datasheet HTML 93Page - Intel Corporation 347 Datasheet HTML 94Page - Intel Corporation 347 Datasheet HTML 95Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
Datasheet
93
Boxed Processor Specifications
7.3
Thermal Specifications
This section describes the cooling requirements of the fan heatsink solution utilized by
the boxed processor.
7.3.1
Boxed Processor Cooling Requirements
The boxed processor may be directly cooled with a fan heatsink. However, meeting the
processor's temperature specification is also a function of the thermal design of the
entire system, and ultimately the responsibility of the system integrator. The processor
temperature specification is in Chapter 5. The boxed processor fan heatsink is able to
keep the processor temperature within the specifications (see Table 26) in chassis that
provide good thermal management. For the boxed processor fan heatsink to operate
properly, it is critical that the airflow provided to the fan heatsink is unimpeded. Airflow
of the fan heatsink is into the center and out of the sides of the fan heatsink. Airspace
is required around the fan to ensure that the airflow through the fan heatsink is not
blocked. Blocking the airflow to the fan heatsink reduces the cooling efficiency and
decreases fan life. Figure 22 and Figure 23 illustrate an acceptable airspace clearance
for the fan heatsink. The air temperature entering the fan should be kept below 38 °C.
A Thermally Advantaged Chassis with an Air Guide 1.1 is recommended to meet the 38
°C requirement. Again, meeting the processor's temperature specification is the
responsibility of the system integrator.
Note:
The processor fan is the primary source of airflow for cooling the VCC voltage regulator.
Dedicated voltage regulator cooling components may be necessary if the selected fan is
not capable of keeping regulator components below maximum rated temperatures.
Figure 21.
Baseboard Power Header Placement Relative to Processor Socket
B
C
R110
[4.33]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com