Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

347 Datasheet(PDF) 23 Page - Intel Corporation

Part # 347
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

347 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 347 Datasheet HTML 19Page - Intel Corporation 347 Datasheet HTML 20Page - Intel Corporation 347 Datasheet HTML 21Page - Intel Corporation 347 Datasheet HTML 22Page - Intel Corporation 347 Datasheet HTML 23Page - Intel Corporation 347 Datasheet HTML 24Page - Intel Corporation 347 Datasheet HTML 25Page - Intel Corporation 347 Datasheet HTML 26Page - Intel Corporation 347 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
Datasheet
23
Electrical Specifications
2.6.1
FSB Signal Groups
The front side bus signals have been combined into groups by buffer type. GTL+ input
signals have differential input buffers that use GTLREF[1:0] as a reference level. In this
document, the term “GTL+ Input” refers to the GTL+ input group as well as the GTL+
I/O group when receiving. Similarly, “GTL+ Output” refers to the GTL+ output group as
well as the GTL+ I/O group when driving.
With the implementation of a source synchronous data bus comes the need to specify
two sets of timing parameters. One set is for common clock signals that are dependent
upon the rising edge of BCLK0 (ADS#, HIT#, HITM#, etc.) and the second set is for the
source synchronous signals that are relative to their respective strobe lines (data and
address) as well as the rising edge of BCLK0. Asychronous signals are still present
(A20M#, IGNNE#, etc.) and can become active at any time during the clock cycle.
Table 7 identifies which signals are common clock, source synchronous, and
asynchronous.
Table 7.
FSB Signal Groups (Sheet 1 of 2)
Signal Group
Type
Signals1
GTL+ Common
Clock Input
Synchronous to
BCLK[1:0]
BPRI#, DEFER#, RS[2:0]#, RSP#, TRDY#
GTL+ Common
Clock I/O
Synchronous to
BCLK[1:0]
AP[1:0]#, ADS#, BINIT#, BNR#, BPM[5:0]#, BR0#,
DBSY#, DP[3:0]#, DRDY#, HIT#, HITM#, LOCK#,
MCERR#
GTL+ Source
Synchronous I/O
Synchronous to
assoc. strobe
GTL+ Strobes
Synchronous to
BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
GTL+
Asynchronous
Input
A20M#, IGNNE#, INIT#, LINT0/INTR, LINT1/NMI, SMI#,
STPCLK#, PWRGOOD, RESET#
GTL+
Asynchronous
Output
FERR#/PBE#, IERR#, THERMTRIP#
GTL+
Asynchronous
Input/Output
PROCHOT#
TAP Input
Synchronous to
TCK
TCK, TDI, TMS, TRST#
Signals
Associated Strobe
REQ[4:0]#, A[16:3]#2
ADSTB0#
A[35:17]#2
ADSTB1#
D[15:0]#, DBI0#
DSTBP0#, DSTBN0#
D[31:16]#, DBI1#
DSTBP1#, DSTBN1#
D[47:32]#, DBI2#
DSTBP2#, DSTBN2#
D[63:48]#, DBI3#
DSTBP3#, DSTBN3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com