Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3748 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 2 Page - Linear Technology

  LT3748 Datasheet HTML 1Page - Linear Technology LT3748 Datasheet HTML 2Page - Linear Technology LT3748 Datasheet HTML 3Page - Linear Technology LT3748 Datasheet HTML 4Page - Linear Technology LT3748 Datasheet HTML 5Page - Linear Technology LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT3748
2
3748fa
ABSOLUTE MAXIMUM RATINGS
VIN, RFB...................................................................100V
VIN to RFB..................................................................±5V
EN/UVLO......................................................–0.3V, 100V
INTVCC....................................................VIN + 0.3V, 20V
SS, VC, TC, RREF..........................................................6V
SENSE......................................................................0.4V
Operating Junction Temperature Range (Note 2)
LT3748E/LT3748I............................... –40°C to 125°C
LT3748H ............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3748EMS#PBF
LT3748EMS#TRPBF
3748
16-Lead Plastic MSOP
–40°C to 125°C
LT3748IMS#PBF
LT3748IMS#TRPBF
3748
16-Lead Plastic MSOP
–40°C to 125°C
LT3748HMS#PBF
LT3748HMS#TRPBF
3748
16-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
l
5
100
V
Quiescent Current
Not Switching
VEN/UVLO = 0.2V
1.3
0
1.75
1
mA
μA
VIN Quiescent Current, INTVCC Overdriven
VINTVCC = 10V
300
450
μA
INTVCC Voltage Range
l
4.5
20
V
INTVCC Pin Regulation Voltage
6.8
7
7.2
V
INTVCC Dropout
(VIN – VINTVCC), IINTVCC = 10mA, VIN = 5V
0.7
V
INTVCC Undervoltage Lockout
Falling Threshold
l
3.45
3.6
3.75
V
EN/UVLO Pin Threshold
EN/UVLO Pin Voltage Rising
l
1.19
1.223
1.25
V
EN/UVLO Pin Hysteresis Current
EN/UVLO = 1V
1.9
2.4
2.9
μA
Soft-Start Current
VSS = 0.4V (Note 3)
5
μA
Soft-Start Threshold
0.65
V
Soft-Start Reset Current
3mA
Maximum SENSE Current Limit Threshold
VC = 2.2V
l
95
90
100
100
105
110
mV
mV
Minimum SENSE Current Limit Threshold
VC = 0V
15
mV
(Note 1)
PIN CONFIGURATION
1
3
5
6
7
8
VIN
EN/UVLO
INTVCC
GATE
SENSE
GND
16
14
12
11
10
9
RFB
RREF
TC
VC
SS
GND
TOP VIEW
MS PACKAGE
16 (12)-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 90°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com