Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3748 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 3 Page - Linear Technology

  LT3748 Datasheet HTML 1Page - Linear Technology LT3748 Datasheet HTML 2Page - Linear Technology LT3748 Datasheet HTML 3Page - Linear Technology LT3748 Datasheet HTML 4Page - Linear Technology LT3748 Datasheet HTML 5Page - Linear Technology LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LT3748
3
3748fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3748E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design
characterization and correlation with statistical process controls. The
LT3748I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3748H is guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C.
Note 3: Current flows out of the pin.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum to Minimum SENSE Threshold
Ratio
l
5.2
6.6
8.2
mV/mV
SENSE Overcurrent Threshold
VC = 2.2V
115
130
145
mV
SENSE Input Bias Current
VSENSE = 10mV (Note 3)
10
15
20
μA
RREF Voltage
VC = 1.1V
l
1.20
1.195
1.223
1.24
1.245
V
V
RREF Voltage Line Regulation
5V < VIN < 100V
0.005
0.025
%/V
RREF Pin Bias Current
(Note 3)
l
35
500
nA
TC Current into RREF
RTC = 20k
27.5
μA
Error Amplifier Voltage Gain
115
V/V
Error Amplifier Transconductance
ΔI = 10μA
155
μmhos
VC Source Current
VC = 1.1V, VRREF = 0.5V
–45
μA
VC Sink Current
VC = 1.1V, VRREF = 2V
48
μA
Flyback Comparator Trip Current
Current into RFB Pin, RREF = 6.04k
10
μA
Minimum GATE Off-Time
700
ns
Minimum GATE On-Time
250
ns
Maximum Discontinuous Off-Time
VC = 0V
24
μs
Maximum GATE Off-Time
VRREF = 0.5V
55
μs
Maximum GATE On-Time
VSENSE = 0V
55
μs
GATE Output Rise Time
CL = 3300pF, 10% to 90%
16
ns
GATE Output Fall Time
CL = 3300pF, 10% to 90%
16
ns
GATE Output Low (VOL)
0.05
V
GATE Output High (VOH)VINTVCC – 0.05
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com