Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8061 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8061
7
8061f
PIN FUNCTIONS
GND (Bank 1): Power and Signal Ground Return.
BAT (Bank 2): Battery Charge Current Output Bus. The
charge function operates to achieve the final float voltage
at this pin. The auto-restart feature initiates a new charge
cycle when the voltage at the BAT pin falls 2.5% below
the float voltage. Once the charge cycle is terminated, the
input bias current of the BAT pin is reduced to minimize
battery discharge while the charger remains connected.
In most applications, connect BIAS to BAT.
VINA (Bank 3): Anode of Input Reverse Protection Schottky
Diode. Connect the input power here if input voltage
protection is desired.
VINC/CLP (Bank 4): This pad bank connects to the cathode
of the input reverse protection diode. In addition, system
current levels can be monitored by connecting a sense
resistor from this pin to the VIN pin. Additional system
load is drawn from the VIN pin connection, and maximum
system load is achieved when VVINC/CLP – VVIN= 50mV. The
LTM8061 servos the charge current required to maintain
programmed maximum system current. If this function is
not desired, connect the VINC/CLP pin to the VIN pin (see
the Applications Information section). Do not raise this
pin above VIN + 0.5V.
VIN (Bank 5): Charger Input Supply. Apply CIN here. Con-
nect the input power here if no input power rectification
is required.
BIAS (Pin G7): The BIAS pin connects to the internal power
bus. Connect to a power source greater than 2.5V and less
than 10V. In most applications, connect BIAS to BAT.
CHRG (Pin K7): Open-Collector Charger Status Output.
Typically pulled up through a resistor to a reference volt-
age. This status pin can be pulled up to voltages as high
as VIN and can sink currents up to 10mA. During a battery
charge cycle, CHRG is pulled low. When the charge cycle
terminates, the CHRG pin becomes high impedance. If
the internal timer is used for termination, the pin stays
low during the charge cycle until the charge current drops
below a C/10 rate even though the charger will continue to
top off the battery until the end-of-charge timer terminates
the charge cycle. A temperature fault also causes this pin
to be pulled low (see the Applications Information sec-
tion). If RUN is low, or the LTM8061 is otherwise powered
down, the state of the CHRG pin is invalid.
NTC (Pin H6): Battery Temperature Monitor Pin. This pin
is the input to the NTC (negative temperature coefficient)
thermistor temperature monitoring circuit. This function is
enabled by connecting a 10kΩ,
β = 3380 NTC thermistor
from the NTC pin to ground. The pin sources 50μA, and
monitors the voltage across the 10kΩ thermistor. When
the voltage on this pin is above 1.36V (T < 0°C) or below
0.29V (T > 40°C), charging is disabled and the CHRG and
FAULT pins are both pulled low. If internal timer termina-
tion is being used, the timer is paused, suspending the
charge cycle. Charging resumes when the voltage on NTC
returns to within the 0.29V to 1.36V active region. There
is approximately 5°C of temperature hysteresis associated
with each of the temperature thresholds. The temperature
monitoring function remains enabled while thermistor
resistance to ground is less than 250kΩ. If this function
is not desired, leave the NTC pin unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com