Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8061 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 1 Page - Linear Technology

  LTM8061 Datasheet HTML 1Page - Linear Technology LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8061
1
8061f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
32V, 2A µModule Li-Ion/
Polymer Battery Charger
The LTM®8061 is a high efficiency 32V, 2A μModule®
standalone Li-Ion battery charger. It is optimized for one
and two-cell packs, with fixed float voltage options: 4.1V,
4.2V, 8.2V and 8.4V. The LTM8061 provides a constant-
current/constant-voltage charge characteristic, with
maximum charge current up to 2A. A precondition feature
trickle charges a depleted battery, and bad battery detec-
tion provides a signal and suspends charging if a battery
does not respond to preconditioning.
The LTM8061 can be configured to terminate charging
when charge current falls to one-tenth the programmed
maximum current or to use an internal timer if a time-
based termination scheme is desired. Once charging is
terminated, the LTM8061 enters a low current standby
mode. An auto-restart feature starts a new charge cycle if
the battery voltage drops 2.5% from the float voltage, or
if a new battery is inserted into a charging system.
The LTM8061 is packaged in a thermally enhanced, com-
pact (9mm
× 15mm × 4.32mm) over-molded land grid
array (LGA) package suitable for automated assembly
by standard surface mount equipment. The LTM8061 is
RoHS compliant.
Standalone Single Cell 2A Li-Ion Battery Charger
with C/10 Termination from 6V to 32V Input
APPLICATIONS
n Wide Input Voltage Range: 4.95V to 32V
(40V Absolute Maximum)
n Float Voltage Options:
1-Cell: 4.1V, 4.2V
2-Cell: 8.2V, 8.4V
n Programmable Charge Current: Up to 2A
n User-Selectable Charge Termination: C/10 or
Onboard Termination Timer
n Dynamic Charge Rate Programming/Soft-Start Pin
n Programmable Input Current Limit
n Optional Reverse Input Protection
n NTC Resistor Temperature Monitor
n 0.5% Float Voltage Accuracy
n Bad-Battery Detection with Auto-Reset
n Tiny, Low Profile (9mm
× 15mm × 4.32mm) Surface
Mount LGA Package
n Industrial Handheld Instruments
n 12V to 24V Automotive and Heavy Equipment
n Professional Video/Camera Chargers
VINA
VINC/CLP
VIN
RUN
RNG/SS
TMR
NTC
BAT
BIAS
CHRG
FAULT
GND
8061 TA01a
LTM8061-4.1
VIN
6V TO 32V
4.7μF
AVAILABLE OPTIONS:
1-CELL: 4.1V, 4.2V
2-CELL: 8.2V, 8.4V
SINGLE
CELL
4.1V
BATTERY
+
L, LT, LTC, LTM, Linear Technology, Linear logo, μModule and PolyPhase are registered
trademarks and PowerPath is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners
Battery Charging Profile
BATTERY VOLTAGE (V)
0
0
500
1000
1500
2
2500
8061 TA01b
13
4
2000
NORMAL CHARGING
TERMINATION
PRECONDITION


Similar Part No. - LTM8061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8061 LINER-LTM8061 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8061 LINER-LTM8061 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM8061 LINER-LTM8061 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8061 LINEAR_DIMENSIONS-LTM8061 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM8061 LINER-LTM8061 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
More results

Similar Description - LTM8061

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
logo
Linear Technology
LTM8061 LINER-LTM8061_15 Datasheet
390Kb / 22P
32V, 2A Module Li-Ion/ Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com