Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8061 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 5 Page - Linear Technology

  LTM8061 Datasheet HTML 1Page - Linear Technology LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8061
5
8061f
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs IBAT, 8.2VBAT
Input Current vs IBAT, 8.4VBAT
IBIAS vs IBAT, 4.1VBAT
RNG/SS vs Maximum IBAT
Quiescent Current vs VINA,
RUN = 0V
Input Standby Current
vs Temperature, 4.1VBAT
IBIAS vs IBAT, 4.2VBAT
IBIAS vs IBAT, 8.2VBAT
IBIAS vs IBAT, 8.4VBAT
IBAT (mA)
0
0
400
600
200
800
1000
1200
1400
1000
1600
8061 G07
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
10
15
20
1000
25
8061 G09
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
400
600
200
800
1000
1200
1400
1000
1600
8061 G08
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
10
15
20
1000
30
25
8061 G10
500
1500
2000
VINA = 12V
VINA = 24V
IBAT (mA)
0
0
5
10
15
20
1000
50
25
30
35
40
45
8061 G11
500
1500
2000
VINA = 24V
VINA = 12V
IBAT (mA)
0
0
10
20
30
40
1000
60
50
8061 G12
500
1500
2000
VINA = 12V
VINA = 24V
BAT CURRENT (mA)
0
0
0.2
0.4
0.6
0.8
1000
1.2
1.0
8061 G13
500
1500
2000
VINA (V)
0
0
30
40
10
20
50
60
20
80
70
8061 G14
10
30
40
TEMPERATURE (°C)
–50
0
1
2
3
4
50
6
5
8061 G15
0
100
VINA = 24V
VINA = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com