| Electronic Components Datasheet Search |
|
ST7LNB1Y0 Datasheet(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LNB1Y0 Datasheet(HTML) 33 Page - STMicroelectronics |
|
33 / 36 page ![]() ST7LNB1Y0 Package characteristics 33/36 6.2 Thermal characteristics 6.3 Soldering information In order to meet environmental requirements, ST offers the ST7LNB1Y0 in ECOPACK® package. The package have a Lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com, together with specific technical application notes covering the main technical aspects related to lead-free conversion (AN2033, AN2034, AN2035, AN2036). Backward and forward compatibility The main difference between Pb and Pb-free soldering process is the temperature range. ● ECOPACK LQFP, SDIP, SO and QFN20 packages are fully compatible with Lead (Pb) containing soldering process (see application note AN2034) ● TQFP, SDIP and SO Pb-packages are compatible with Lead-free soldering process, nevertheless it's the customer's duty to verify that the Pb-packages maximum temperature (mentioned on the Inner box label) is compatible with their Lead-free soldering temperature. Table 33. Thermal characteristics Symbol Ratings Value Unit RthJA Package thermal resistance (junction to ambient) SO16 85 °C/W TJmax Maximum junction temperature(1) 1. The maximum chip-junction temperature is based on technology characteristics. 150 °C PDmax Power dissipation(2) 2. The maximum power dissipation is obtained from the formula PD = (TJ -TA) / RthJA. The power dissipation of an application can be defined by the user with the formula: PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation depending on the ports used in the application. SO16 300 mW Table 34. Soldering compatibility (wave and reflow soldering process) Package Plating material devices Pb solder paste Pb-free solder paste SDIP & PDIP Sn (pure Tin) Yes Yes (1) 1. Assemblers must verify that the Pb-package maximum temperature (mentioned on the Inner box label) is compatible with their Lead-free soldering process. QFN Sn (pure Tin) Yes Yes(1) LQFP and SO NiPdAu (Nickel-palladium-Gold) Yes Yes(1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |