Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6730 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 14Page - STMicroelectronics L6730_09 Datasheet HTML 15Page - STMicroelectronics L6730_09 Datasheet HTML 16Page - STMicroelectronics L6730_09 Datasheet HTML 17Page - STMicroelectronics L6730_09 Datasheet HTML 18Page - STMicroelectronics L6730_09 Datasheet HTML 19Page - STMicroelectronics L6730_09 Datasheet HTML 20Page - STMicroelectronics L6730_09 Datasheet HTML 21Page - STMicroelectronics L6730_09 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Device description
L6730 - L6730B
18/52
Doc ID 11938 Rev 3
The output of the error amplifier is clamped with this voltage (Vss) until it reaches the
programmed value. No switching activity is observable if VSS is lower than 0.5 V and both
MOSFETs are off. When Vss is between 0.5 V and 1.1 V the low-side MOSFET is turned on
because the output of the error amplifier is lower than the valley of the triangular wave and
so the duty-cycle is 0%. As VSS reaches 1.1 V (i.e. the oscillator triangular wave inferior
limit) even the high-side MOSFET begins to switch and the output voltage starts to increase.
The L6730 - L6730B can only source current during the soft-start phase in order to manage
the pre-bias start-up applications. This means that when the startup occurs with output
voltage greater than 0V (pre-bias startup), even when Vss is between 0.5 V and 1.1 V the
low-side MOSFET is kept OFF (see Figure 9 and Figure 10).
The L6730B can always sink current and so it can be used to supply the DDR memory
termination BUS. If overcurrent is detected during the soft-start phase, the device provides
constant current-protection. In case there is short soft-start time and/or small inductor value
and/or high output capacitors value and thus, in case of high ripple current during the soft-
start, the converter can start-up in anyway and limit the current (Chapter 5.8: Monitoring and
Figure 9.
Start-up without pre-bias
Figure 10.
Start-up with pre-bias
LGate
VOUT
IL
VSS
VSS
IL
VOUT
LGate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com