Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6730 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 23Page - STMicroelectronics L6730_09 Datasheet HTML 24Page - STMicroelectronics L6730_09 Datasheet HTML 25Page - STMicroelectronics L6730_09 Datasheet HTML 26Page - STMicroelectronics L6730_09 Datasheet HTML 27Page - STMicroelectronics L6730_09 Datasheet HTML 28Page - STMicroelectronics L6730_09 Datasheet HTML 29Page - STMicroelectronics L6730_09 Datasheet HTML 30Page - STMicroelectronics L6730_09 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
L6730 - L6730B
Device description
Doc ID 11938 Rev 3
27/52
Working with a 12 V BUS, setting the UVLO at 8.6 V can be very helpful to limit the input
current in case of BUS fall.
5.9
Adjustable masking time
By connecting the masking time pin to VCCDR or GND it is possible to select two different
values for the peak current protection leading edge blanking time. This is useful to avoid any
false OCP trigger due to spikes and oscillations generated at the turn-on of the high-side
MOSFET(s). The amount of this noise depends very much on the layout, MOSFETs, free-
wheeling diode, switched current, and input voltage.
When good layout and medium current are used, the minimum masking time can be
chosen, while in case of higher noise, it is better to select the maximum masking time. By
connecting the tMASK pin to VCCDR the masking time is about 400 ns, while connecting it to
GND results in about 260 ns masking time.
5.10
Multifunction pin (S/O/U L6730) (CC/O/U L6730B)
With this pin it is possible:
●
To enable disable the sink mode current capability (L6730) or the constant current
protection (L6730B) at the end of the soft-start
●
To enable or disable the latch-mode for the OVP
●
To set the UVLO threshold for 5 V BUS and 12 V busses
Figure 22.
Valley OCP (L6730B)
VOUT
IL
TOFF
TOFF
Valley th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com