Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6730 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 15Page - STMicroelectronics L6730_09 Datasheet HTML 16Page - STMicroelectronics L6730_09 Datasheet HTML 17Page - STMicroelectronics L6730_09 Datasheet HTML 18Page - STMicroelectronics L6730_09 Datasheet HTML 19Page - STMicroelectronics L6730_09 Datasheet HTML 20Page - STMicroelectronics L6730_09 Datasheet HTML 21Page - STMicroelectronics L6730_09 Datasheet HTML 22Page - STMicroelectronics L6730_09 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
L6730 - L6730B
Device description
Doc ID 11938 Rev 3
19/52
protection on page 21) but not enter into HICCUP mode. The soft-start phase ends when
VSS reaches 3.5 V. After that the over current-protection triggers the HICCUP mode
(L6730). With the L6730B there is the possibility to set the HICCUP mode or the constant
current mode after the soft-start acting on the multifunction pin CC/O/U. With the L6730 the
low-side MOSFET(s) management after soft-start phase depends on the S/O/U pin state
(see related section). If the sink mode is enabled the converter can sink current after soft-
start (see Figure 11) while, if the sink mode is disabled the converter never sinks current
(see Figure 12).
During normal operation, if any under voltage is detected on one of the two supplies (VCC,
VIN), the SS pin is internally shorted to GND by an internal switch so the SS capacitor is
rapidly discharged. Two different turn-on UVLO thresholds can be set: 4.2 V for 5 V BUS
and 8.6 V for 12 V BUS.
Figure 11.
Sink mode enabled: Inductor current during and after soft-start (L6730)
VOUT
IL
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com