Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272Z2Q3 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 31Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 32Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 33Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 34Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 35Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 36Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 37Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 38Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 189 page
background image
ST10F272Z2
Internal Flash memory
35/189
5.4.9
Flash address register low
5.4.10
Flash address register high
FARL (0x08 0010)
FCR
Reset value:
0000h
15
14
13
12
11
10
987
65432
10
ADD15ADD14ADD13ADD12ADD11ADD10 ADD9 ADD8 ADD7 ADD6 ADD5 ADD4 ADD3 ADD2
reserved
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 17.
Flash address register low
Bit
Function
ADD(15:2)
Address 15:2
These bits must be written with the Address of the Flash location to program in the
following operations: Word Program (32-bit) and Double Word Program (64-bit). In
Double Word Program bit ADD2 must be written to ‘0’.
FARH (0x08 0012)
FCR
Reset value:
0000h
15
14
13
12
11
10
987
65432
10
reserved
ADD20 ADD19 ADD18 ADD17 ADD16
RW
RW
RW
RW
RW
Table 18.
Flash address register high
Bit
Function
ADD(20:16)
Address 20:16
These bits must be written with the Address of the Flash location to program in the
following operations: Word Program and Double Word Program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com