Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272Z2Q3 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 34Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 35Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 36Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 37Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 38Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 39Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 40Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 41Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 189 page
background image
Internal Flash memory
ST10F272Z2
38/189
5.5.3
Flash non-volatile access protection register 0
5.5.4
Flash non-volatile access protection register 1 low
FNVAPR0 (0x08 DFB8)
NVR
Reset value: ACFFh
15
14
13
12
11
10
987
65432
10
reserved
DBGP ACCP
RW
RW
Table 21.
Flash non-volatile access protection register 0
Bit
Function
ACCP
Access Protection
This bit, if programmed at 0, disables any access (read/write) to data mapped
inside IFlash Module address space, unless the current instruction is fetched from
IFlash.
DBGP
Debug Protection
This bit, if erased at 1, allows to by-pass all the protections using the Debug
features through the Test Interface. If programmed at 0, on the contrary, all the
debug features, the Test Interface and all the Flash Test Modes are disabled. Even
STMicroelectronics will not be able to access the device to run any eventual failure
analysis.
FNVAPR1L (0x08 DFBC)
NVR
Delivery value:: FFFFh
15
14
13
12
11
10
987
65432
10
PDS15 PDS14 PDS13 PDS12 PDS11 PDS10 PDS9 PDS8 PDS7 PDS6 PDS5 PDS4 PDS3 PDS2 PDS1 PDS0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 22.
Flash non-volatile access protection register 1 low
Bit
Function
PDS(15:0)
Protections Disable 15-0
If bit PDSx is programmed at 0 and bit PENx is erased at 1, the action of bit ACCP
is disabled. Bit PDS0 can be programmed at 0 only if both bits DBGP and ACCP
have already been programmed at 0. Bit PDSx can be programmed at 0 only if bit
PENx-1 has already been programmed at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com