Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272Z2Q3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 35Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 36Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 37Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 38Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 39Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 40Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 41Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 42Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 189 page
background image
ST10F272Z2
Internal Flash memory
39/189
5.5.5
Flash non-volatile access protection register 1 high
5.5.6
XBus flash volatile temporary access unprotection register
(XFVTAUR0)
5.5.7
Access protection
The I-Flash module has one level of access protection (access to data both in Reading and
Writing): if bit ACCP of FNVAPR0 is programmed at 0 and bit TAUB in XFVTAUR0 is set at
0, the I-Flash module becomes access protected: data in the I-Flash module can be read
only if the current execution is from the I-Flash module itself.
To enable Access Protection, the following sequence of operations is recommended:
●
execution from external memory or internal Rams
●
program TAUB bit at 1 in XFVTAUR0 register
●
program ACCP bit in FNVAPR0 to 0 using Set Protection operation
●
program TAUB bit at 0 in XFVTAUR0 register
●
Access Protection is active when both ACCP bit and TAUB bit are set to 0.
Protection can be permanently disabled by programming bit PDS0 of FNVAPR1H, in order
to analyze rejects. Protection can be permanently enabled again by programming bit PEN0
of FNVAPR1L. The action to disable and enable again Access Protections in a permanent
FNVAPR1H (0x08 DFBE)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
987
65432
10
PEN15PEN14PEN13PEN12PEN11PEN10 PEN9 PEN8 PEN7 PEN6 PEN5 PEN4 PEN3 PEN2 PEN1 PEN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 23.
Flash non-volatile access protection register 1 high
Bit
Function
PEN15-0
Protections Enable 15-0
If bit PENx is programmed at 0 and bit PDSx+1 is erased at 1, the action of bit
ACCP is enabled again. Bit PENx can be programmed at 0 only if bit PDSx has
already been programmed at 0.
XFVTAUR0 (0x00 EB50)
NVR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
TAUB
reserved
RW
Table 24.
XBus flash volatile temporary access unprotection register
Bit
Function
TAUB
Temporary Access Unprotection bit
If this bit is set to 1, the Access Protection is temporary disabled.
This bit can be written only executing from IFlash.This fact guarantees that only a
code executed in IFlash, can unprotect the IFlash, when it is Access Protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com