Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2164 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2164 Datasheet HTML 9Page - Micrel Semiconductor MIC2164 Datasheet HTML 10Page - Micrel Semiconductor MIC2164 Datasheet HTML 11Page - Micrel Semiconductor MIC2164 Datasheet HTML 12Page - Micrel Semiconductor MIC2164 Datasheet HTML 13Page - Micrel Semiconductor MIC2164 Datasheet HTML 14Page - Micrel Semiconductor MIC2164 Datasheet HTML 15Page - Micrel Semiconductor MIC2164 Datasheet HTML 16Page - Micrel Semiconductor MIC2164 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
13
M9999-091310-D
Functional Description
The MIC2164/-2/-3 is an adaptive on-time synchronous
buck controller family built for low cost and high
performance. They are designed for a wide input voltage
range from 3V to 28V and for high output power buck
converters. An estimated-ON-time method is applied in
MIC2164/-2/-3 to obtain a constant switching frequency
and to simplify the control compensation. The over-
current protection is implemented without the use of an
external sense resistor. It includes an internal soft-start
function which reduces the power supply input surge
current at start-up by controlling the output voltage rise
time.
Theory of Operation
The MIC2164/-2/-3 is a adaptive on-time buck controller
family. Figure 1 illustrates the block diagram for the
control loop. The output voltage variation will be sensed
by the MIC2164/-2/-3 feedback pin FB via the voltage
divider R1 and R2, and compared to a 0.8V reference
voltage VREF at the error comparator through a low gain
transconductance (gm) amplifier, the amplifier improves
the MIC2164/-2/-3 converter output voltage regulation. If
the FB voltage decreases and the output of the gm
amplifier is below 0.8V, The error comparator will trigger
the control logic and generate an ON-time period, in
which DH pin is logic high and DL pin is logic low. The
ON-time period length is predetermined by the “FIXED
TON ESTIMATION” circuitry:
sw
HSD
OUT
ed)
ON(estimat
f
V
V
T
×
=
(1)
where VOUT is the output voltage, VHSD is the power
stage input voltage, and fSW is the switching frequency
(300kHz for MIC2164, 600kHz for MIC2164-2, and
1MHz for MIC2164-3).
After ON-time period, the MIC2164/-2/-3 goes into the
OFF-time period, in which DH pin is logic low and DL pin
is logic high. The OFF-time period length is depending
on the FB voltage in most cases. When the FB voltage
decreases and the output of the gm amplifier is below
0.8V, then the ON-time period is trigger and the OFF-
time period ends. If the OFF-time period decided by the
FB voltage is less than the minimum OFF time TOFF(min),
which is about 363ns typical, then the MIC2164/-2/-3
control logic will apply the TOFF(min) instead. TOFF(min) is
required by the BST charging.
The maximum duty cycle is obtained from the 363ns
TOFF(min):
S
S
OFF(min)
S
T
363ns
1
T
T
T
Dmax
−
=
−
=
where Ts = 1/fSW.
It is not recommended to use MIC2164/-2/-3 with a OFF
time close to TOFF(min) at the steady state. Also, as VOUT
increases, the internal ripple injection will increase and
reduce the line regulation performance. Therefore, the
maximum output voltage of the MIC2164/-2/-3 should be
limited to 5.5V. If a higher output voltage is required, use
the MIC2176 instead. Please refer to “Setting Output
Voltage” subsection in “Application Information” for more
details.
The estimated-ON-time method results in a constant
switching frequency in MIC2164/-2/-3. The actual ON
time is varied with the different rising and falling time of
the external MOSFETs. Therefore, the type of the
external MOSFETs, the output load current, and the
control circuitry power supply VIN will modify the actual
ON time and the switching frequency. Also, the minimum
TON results in a lower switching frequency in the high
VHSD and low VOUT applications, such as 24V to 1.0V
MIC2164-3 application. The minimum TON measured on
the MIC2164 evaluation board is about 138ns. During
the load transient, the switching frequency is changed
due to the varying OFF time.
To illustrate the control loop, the steady-state scenario
and the load transient scenario are analyzed. For easy
analysis, the gain of the gm amplifier is assumed to be 1.
With this assumption, the inverting input of the error
comparator is the same as the FB voltage. Figure 2
shows the MIC2164/-2/-3 control loop timing during the
steady-state. During the steady-state, the gm amplifier
senses the FB voltage ripple, which is proportional to the
output voltage ripple and the inductor current ripple, to
trigger
the
ON-time
period.
The
ON
time
is
predetermined by the estimation. The ending of OFF
time is controlled by the FB voltage. At the valley of the
FB voltage ripple, which is below than VREF, OFF period
ends and the next ON-time period is triggered through
the control logic circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com