Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2164 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2164 Datasheet HTML 1Page - Micrel Semiconductor MIC2164 Datasheet HTML 2Page - Micrel Semiconductor MIC2164 Datasheet HTML 3Page - Micrel Semiconductor MIC2164 Datasheet HTML 4Page - Micrel Semiconductor MIC2164 Datasheet HTML 5Page - Micrel Semiconductor MIC2164 Datasheet HTML 6Page - Micrel Semiconductor MIC2164 Datasheet HTML 7Page - Micrel Semiconductor MIC2164 Datasheet HTML 8Page - Micrel Semiconductor MIC2164 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
3
M9999-091310-D
Pin Description (Continued)
Pin Number
Pin Name
Pin Function
9
LX
Switch Node and Current Sense input: High current output driver return. The LX pin connects directly
to the switch node. Due to the high speed switching on this pin, the LX pin should be routed away from
sensitive nodes. LX pin also senses the current by monitoring the voltage across the low-side
MOSFET during OFF time. In order to sense the current accurately, connect the low-side MOSFET
drain to LX using a Kelvin connection.
10
BST
Boost (output): Bootstrapped voltage to the high-side N-channel MOSFET driver. A Schottky diode is
connected between the IN pin and the BST pin. A boost capacitor of 0.1μF is connected between the
BST pin and the LX pin. Adding a small resistor in series with the boost capacitor can slow down the
turn-on time of high-side N-Channel MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com