Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2164 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2164 Datasheet HTML 1Page - Micrel Semiconductor MIC2164 Datasheet HTML 2Page - Micrel Semiconductor MIC2164 Datasheet HTML 3Page - Micrel Semiconductor MIC2164 Datasheet HTML 4Page - Micrel Semiconductor MIC2164 Datasheet HTML 5Page - Micrel Semiconductor MIC2164 Datasheet HTML 6Page - Micrel Semiconductor MIC2164 Datasheet HTML 7Page - Micrel Semiconductor MIC2164 Datasheet HTML 8Page - Micrel Semiconductor MIC2164 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
2
M9999-091310-D
Ordering Information
Part Number
Voltage
Switching
Frequency
Accuracy
Junction Temperature Range
Package
Lead Finish
MIC2164YMM
Adjustable
300kHz
±1%
–40° to +125°C
10-pin MSOP
Pb-Free
MIC2164-2YMM
Adjustable
600kHz
±1%
–40° to +125°C
10-pin MSOP
Pb-Free
MIC2164-3YMM
Adjustable
1MHz
±1%
–40° to +125°C
10-pin MSOP
Pb-Free
MIC2164CYMM
Adjustable
270kHz
±3%
–40° to +125°C
10-pin MSOP
Pb-Free
Pin Configuration
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
HSD
High-Side N-MOSFET Drain Connection (input): Power to the drain of the external high-side N-channel
MOSFET. The HSD operating voltage range is from 3V to 28V. Input capacitors between HSD and the
power ground (PGND) are required.
2
EN
Enable (input): A logic level control of the output. The EN pin is CMOS-compatible. Logic high or floating
= enable, logic low = shutdown. In the off state, supply current of the device is greatly reduced (typically
0.8mA).
3
FB
Feedback (input): Input to the transconductance amplifier of the control loop. The FB pin is regulated to
0.8V. A resistor divider connecting the feedback to the output is used to adjust the desired output
voltage.
4
GND
Signal ground. GND is the ground path for the device input voltage VIN and the control circuitry. The loop
for the signal ground should be separate from the power ground (PGND) loop.
5
IN
Input Voltage (input): Power to the internal reference and control sections of the MIC2164/-2/-3. The IN
operating voltage range is from 3V to 5.5V. A 1µF and 0.1µF ceramic capacitors from IN to GND are
recommended for clean operation.
6
DL
Low-Side Drive (output): High-current driver output for external low-side MOSFET. The DL driving
voltage swings from ground-to-IN.
7
PGND
Power Ground. PGND is the ground path for the MIC2164/-2/-3 buck converter power stage. The PGND
pin connects to the sources of low-side N-Channel MOSFETs, the negative terminals of input capacitors,
and the negative terminals of output capacitors. The loop for the power ground should be as small as
possible and separate from the Signal ground (GND) loop.
8
DH
High-Side Drive (output): High-current driver output for external high-side MOSFET. The DH driving
voltage is floating on the switch node voltage (LX). It swings from ground to VIN minus the diode drop.
Adding a small resistor between DH pin and the gate of the high-side N-channel MOSFETs can slow
down the turn-on and turn-off time of the MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com