Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9951XP Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9951XP
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951XP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9951XP Datasheet HTML 8Page - STMicroelectronics L9951XP Datasheet HTML 9Page - STMicroelectronics L9951XP Datasheet HTML 10Page - STMicroelectronics L9951XP Datasheet HTML 11Page - STMicroelectronics L9951XP Datasheet HTML 12Page - STMicroelectronics L9951XP Datasheet HTML 13Page - STMicroelectronics L9951XP Datasheet HTML 14Page - STMicroelectronics L9951XP Datasheet HTML 15Page - STMicroelectronics L9951XP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Electrical specifications
L9951 / L9951XP
12/36
Doc ID 14173 Rev 8
Table 10.
Charge pump output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCP
Charge pump output
voltage
VS=8V, ICP = -60µA
6
13
V
VS=10V, ICP = -80µA
8
13
V
VS≥12V, ICP = -100µA
10
13
V
ICP
Charge pump output
current
VCP = VS+10V
VS =13.5V
100
150
300
µA
Table 11.
OUT 1 - OUT 5
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RON OUT1
On-resistance to supply
or GND
VS = 13.5 V, Tj = 25 °C,
IOUT1 = ± 3 A
150
200
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT1 = ± 3 A
225
300
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT1 = ± 3 A
150
200
m
Ω
RON OUT2
RON OUT3
On-resistance to supply
or GND
VS = 13.5 V, Tj = 25 °C,
IOUT2,3 = ± 3 A
200
270
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT2,3 = ± 3 A
300
400
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT2,3 = ± 3 A
200
270
m
Ω
rON OUT4,
rON OUT5
On-resistance to supply
or GND
VS = 13.5 V, Tj = 25 °C,
IOUT4,5 = ± 0.8 A
800
1100
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT4,5 = ± 0.8 A
1250
1700
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT4,5 = ± 0.8 A
800
1100
m
Ω
|IOUT1|
Output current limitation
to supply or GND
Sink and source
7.4
15.5
A
|IOUT2|,
|IOUT3|
Output current limitation
to supply or GND
Sink and source
5.0
10.5
A
|IOUT4|,
|IOUT5|
Output current limitation
to GND
Source
1.25
2.6
A
td ON H
Output delay time,
highside driver on
VS = 13.5 V,
corresponding lowside
driver is not active
20
40
90
µs
td OFF H
Output delay time,
highside driver off
VS = 13.5 V
80
200
300
µs
td ON L
Output delay time,
lowside driver on
VS = 13.5 V,
corresponding highside
driver is not active
20
60
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com