Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9951XP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9951XP
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951XP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9951XP Datasheet HTML 20Page - STMicroelectronics L9951XP Datasheet HTML 21Page - STMicroelectronics L9951XP Datasheet HTML 22Page - STMicroelectronics L9951XP Datasheet HTML 23Page - STMicroelectronics L9951XP Datasheet HTML 24Page - STMicroelectronics L9951XP Datasheet HTML 25Page - STMicroelectronics L9951XP Datasheet HTML 26Page - STMicroelectronics L9951XP Datasheet HTML 27Page - STMicroelectronics L9951XP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Functional description of the SPI
L9951 / L9951XP
24/36
Doc ID 14173 Rev 8
Table 18.
Test mode
LS1 HS1
LS2 HS2
LS3 HS3
DO
LS1 HS1
LS2 HS2
LS3 HS3
CM
! (both HI)
! (both HI)
! (both HI)
NoError
! (both HI)
! (both HI)
! (both HI)
N.C
both HI
! (both HI)
! (both HI)
DI
both HI
! (both HI)
! (both HI)
Tsense1
! (both HI)
both HI
! (both HI)
CLK
! (both HI)
both HI
! (both HI)
Tsense2
both HI
both HI
! (both HI)
INT_CLK
both HI
both HI
! (both HI)
Tsense3
! (both HI)
! (both HI)
both HI
PWM
! (both HI)
! (both HI)
both HI
Tsense4
both HI
! (both HI)
both HI
N.C
! (both HI)
both HI
both HI
5µA Iref
both HI
both HI
both HI
Vbandgap
Table 19.
SPI - Input data and status register 0
Input register 0 (write)
Status register 0 (read)
Bit
Name
Comment
Name
Comment
15
Reset bit
If reset bit is set both status
registers will be cleared after
rising edge of CSN input.
Always 1
A broken VCC-or SPI-
connection of the L9951 can
be detected by the
microcontroller, because all 16
bits low or high is not a valid
frame.
14
Disable open-
load
If the disable open-load bit is
set, the open-load status
bits will be ignored for the
NonErrorBit calculation.
VS
over-voltage
In case of an over-voltage or
undervoltage event the
corresponding bit is set and
the outputs are deactivated.
13
OC recovery
duty cycle
0: 12% 1: 25%
This bit defines in
combination with the over-
current recovery bit (input
register 1) the duty cycle in
over-current condition of an
activated driver. If
temperature warning bit is
set, L9951 will always use
the lower duty cycle
VS
undervoltage
If VS voltage recovers to
normal operating conditions
outputs are reactivated
automatically.
12
Overvoltage/
under-voltage
recovery
disable
If this bit is set the
microcontroller has to clear
the status register after
undervoltage/overvoltage
event to enable the outputs.
Thermal
shutdown
In case of an thermal
shutdown all outputs are
switched off. The
microcontroller has to clear the
TSD bit by setting the reset bit
to reactivate the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com