Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R27 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 77Page - Renesas Technology Corp R27 Datasheet HTML 78Page - Renesas Technology Corp R27 Datasheet HTML 79Page - Renesas Technology Corp R27 Datasheet HTML 80Page - Renesas Technology Corp R27 Datasheet HTML 81Page - Renesas Technology Corp R27 Datasheet HTML 82Page - Renesas Technology Corp R27 Datasheet HTML 83Page - Renesas Technology Corp R27 Datasheet HTML 84Page - Renesas Technology Corp R27 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 62 of 453
REJ09B0278-0210
Figure 7.10
Registers PINSR1, PINSR2, and PINSR3
Pin Select Register 1
Symbol
Address
After Reset
PINSR1
00F5h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b0
b1 b0
0 0 : P3_7(TXD1/RXD1)
0 1 : P3_7(TXD1), P4_5(RXD1)
1 0 : P3_6(TXD1/RXD1)
1 1 : Do not set.
TXD1/RXD1 pin select bit(1)
b3 b2
1
b1
0
b7 b6 b5 b4
RW
UART1SEL1
UART1SEL0
0000
The UART1 pins can be selected by using bits U1PINSEL, TXD1SEL and TXD1EN in the PMR register. Refer to Figure
7.11 PMR Register.
RW
RW
RW
—
(b2)
—
(b7-b3)
Set to 1. When read, the content is 0.
Set to 0. When read, the content is 0.
Reserved bits
Reserved bit
Pin Select Register 2
Symbol
Address
After Reset
PINSR2
00F6h
00h
Bit Symbol
Bit Name
Function
RW
—
(b7)
—
(b5-b0)
b3 b2
0
b1
0
0
b0
0
b7 b6 b5 b4
TRBOSEL
00 0
0 : P3_1
1 : P1_3
TRBO pin select bit
RW
RW
RW
Set to 0. When read, the content is 0.
Set to 0. When read, the content is 0.
Reserved bits
Reserved bit
Pin Select Register 3
Symbol
Address
After Reset
PINSR3
00F7h
00h
Bit Symbol
Bit Name
Function
RW
b0
1
0 : P5_3
1 : P3_4
b3 b2
1
b1
1
b7 b6 b5 b4
RW
TRCIOCSEL
—
(b2-b0)
1
Reserved bits
Set to 1. When read, the content is 0.
TRCIOC pin select bit
RW
RW
RW
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
TRCIODSEL
TRCIOD pin select bit
0 : P5_4
1 : P3_5
—
(b5)
—
(b7-b6)
Set to 1. When read, the content is 0.
Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com