| Electronic Components Datasheet Search |
|
R27 Datasheet(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R27 Datasheet(HTML) 91 Page - Renesas Technology Corp |
|
91 / 487 page ![]() R8C/26 Group, R8C/27 Group 7. Programmable I/O Ports Rev.2.10 Sep 26, 2008 Page 72 of 453 REJ09B0278-0210 X: 0 or 1 NOTES: 1. Pulled up by setting the PU07 bit in the PUR0 register to 1. 2. Set the INT1SEL bit in the PMR register to 1 (P3_6). 3. Set bits UART1SEL1 and UART1SEL0 in the PINSR1 register to 10b. 4. N-channel open drain output by setting the NCH bit in the U1C0 register to 1. X: 0 or 1 NOTES: 1. Pulled up by setting the PU07 bit in the PUR0 register to 1. 2. Set the SSISEL bit in the PMR register to 0 (P3_3). 3. N-channel open drain output by setting the SOOS bit in the SSMR2 register to 1 (N-channel open drain output). 4. N-channel open drain output by setting the NCH bit in the U1C0 register to 1. Table 7.30 Port P3_6/(TXD1)/(RXD1)/(INT1) Register PD3 PMR U1MR INTEN Function Bit PD3_6 TXD1EN SMD2 SMD1 SMD0 INT1EN Setting value 0 0X X X 0 Input port(1) X 0000 1 0X X X 0 Output port X 0000 0 0X X X 1 INT1 input(1, 2) X 0001 X1 0010 TXD1 output(3, 4) 1000 1010 1100 00 X X X 0 RXD1 input(1) Table 7.31 Port P3_7/TRAO/SSO/RXD1/(TXD1) Register PD3 PMR Clock Synchronous Serial I/O with Chip Select (Refer to Table 16.4 Association between Communication Modes and I/O Pins.) TRAMR UART1 setting Function(3) Bit PD3_7 IICSEL SSO output control SSO input control TOENA − Setting value 0X 0 0 0 Other than TXD1, RXD1 usage conditions Input port(1) 1X 0 0 0 Other than TXD1, RXD1 usage conditions Output port XX 0 0 X Refer to Table 7.32 Port P3_7 UART1 Setting Condition TXD1 output(4) 0X 0 0 0 Refer to Table 7.32 Port P3_7 UART1 Setting Condition RXD1 input(1) XX 0 0 1 Other than TXD1, RXD1 usage conditions TRAO output X0 1 0 X Other than TXD1, RXD1 usage conditions SSO output(2) X0 0 1 X Other than TXD1, RXD1 usage conditions SSO input(2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |