Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R27 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 79Page - Renesas Technology Corp R27 Datasheet HTML 80Page - Renesas Technology Corp R27 Datasheet HTML 81Page - Renesas Technology Corp R27 Datasheet HTML 82Page - Renesas Technology Corp R27 Datasheet HTML 83Page - Renesas Technology Corp R27 Datasheet HTML 84Page - Renesas Technology Corp R27 Datasheet HTML 85Page - Renesas Technology Corp R27 Datasheet HTML 86Page - Renesas Technology Corp R27 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 64 of 453
REJ09B0278-0210
Figure 7.12
Registers PUR0 and PUR1
Figure 7.13
P1DRR Register
Pull-Up Control Register 0
Symbol
Address
After Reset
PUR0
00FCh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
—
(b5-b4)
PU02
Set to 0. When read, the content is 0.
0 : Not pulled up
1 : Pulled up
Reserved bits
0 : Not pulled up
1 : Pulled up
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
PU07
RW
P3_4 to P3_7 pull-up(1)
PU06
P3_1 and P3_3 pull-up(1)
RW
b3 b2 b1 b0
PU00
b7 b6 b5 b4
00
RW
P0_4 to P0_7 pull-up(1)
P0_0 to P0_3 pull-up(1)
PU03
P1_4 to P1_7 pull-up(1)
P1_0 to P1_3 pull-up(1)
PU01
RW
RW
RW
RW
Pull-Up Control Register 1
Symbol
Address
After Reset
PUR1
00FDh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
PU13
P5_4 pull-up(1)
0 : Not pulled up
1 : Pulled up
RW
—
(b5-b4)
Reserved bits
RW
PU11
P4_5 pull-up(1)
RW
PU12
RW
RW
Set to 0. When read, the content is 0.
—
(b7-b6)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
00
—
(b0)
Reserved bit
Set to 0. When read, the content is 0.
P5_3 pull-up(1)
b7 b6 b5 b4
b0
0
—
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
b3 b2 b1
Port P1 Drive Capacity Control Register (For N, D Version Only)
Symbol
Address
After Reset
P1DRR
00FEh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
P1DRR4
RW
P1_4 drive capacity
RW
P1_5 drive capacity
RW
RW
P1_1 drive capacity
P1_0 drive capacity
P1DRR3
P1_2 drive capacity
P1DRR1
RW
RW
RW
b0
P1DRR0
b7 b6 b5 b4 b3 b2 b1
Both “H” and “L” output are set to high drive capacity.
P1DRR7
P1DRR5
RW
Set P1 output transistor drive capacity
0 : Low
1 : High(1)
P1DRR2
P1_7 drive capacity
P1_3 drive capacity
P1DRR6
P1_6 drive capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com