Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R29 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 70Page - Renesas Technology Corp R29 Datasheet HTML 71Page - Renesas Technology Corp R29 Datasheet HTML 72Page - Renesas Technology Corp R29 Datasheet HTML 73Page - Renesas Technology Corp R29 Datasheet HTML 74Page - Renesas Technology Corp R29 Datasheet HTML 75Page - Renesas Technology Corp R29 Datasheet HTML 76Page - Renesas Technology Corp R29 Datasheet HTML 77Page - Renesas Technology Corp R29 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 473 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 55 of 441
REJ09B0279-0210
Figure 7.4
Configuration of Programmable I/O Ports (4)
P4_2/VREF
Data bus
(Note 1)
(Note 1)
P4_5
Direction
register
Data bus
Pull-up selection
Input to individual peripheral function
1
Output from individual peripheral function
Input to external interrupt
Digital
filter
(Note 1)
(Note 1)
P4_6/XIN
Data bus
P4_7/XOUT
Data bus
(Note 2)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
CM05
CM11
CM13
01
CM01
01
CM01
RfXIN
XIN
oscillation
circuit
CM12
RfXCIN
XCIN
oscillation
circuit
CM04
Port latch
P4_6/XIN
Data bus
P4_7/XOUT
Data bus
(Note 2)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
CM05
CM11
CM13
RfXIN
XIN
oscillation
circuit
2. This pin is pulled up in one of the following conditions:
• CM01 = CM05 = CM13 = 1
• CM01 = CM04 = 1
• CM01 = CM10 = CM13 = 1
• CM01 = CM10 = CM04 = 1
CM01, CM04, CM05: Bits in CM0 register
CM10, CM13: Bits in CM1 register
NOTES:
1.
symbolizes a parasitic diode.
Ensure the input voltage to each port does not exceed VCC.
(N, D Version)
(J, K Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com