Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 22Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 23Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 24Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 25Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 26Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 27Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 28Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 29Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
Data Sheet
26
Rev.3.3, 2010-02-15
6.1.5.3
Control Byte No. 3 and 8
To check the proper function of the serial interface the TLE6240GP provides a “SPI Echo Function”. By entering
HLHL as control word, SI and SO are connected during the next CS period. By comparing the bits clocked in with
the serial output bits, the proper function of the SPI interface can be verified. This internal loop is only closed
once (for one CS period). The “Echo Function” does not cause any internal processing of data and after the next
CS signal the SO data is ‘0’ (all registers reset).
Figure 18
Echo-function of SPI
6.1.5.4
Control Byte No. 4 and 9
With LLHH LLLL as the control word, each of the input signals IN1 to IN4 are ‘OR’ed with the corresponding SI
data bits.
With LLHH HHHH as the control word, each of the input signals IN9 to IN12 are ‘OR’ed with the corresponding SI
data bits.
Table 7
Control Byte No. 3 and 8
MSB
Comment
HLHL
XXXX
Echo-function of SPI
Control Byte
Table 8
Control Byte No. 4 and 9
MSB
Comment
L
L
H
H
X
XXX
OR operation, and ‘full diagnosis’
Control Byte
SI
SI and SO int. connected
Echo-function of SPI, i.e. SI
directly connected to SO.
SI information will not be
accepted during this cycle.
SI
H L H L
L L L L
X X X X
X X X X
SO
H H H H
H H H H
H H H H
H H H H
CS
SI command: No change of the output states; Echo function of
SPI
SO diagnosis: No fault, normal function of channels 1 to 8 or 9 to
16 depending on previous SI command
SO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com