| Electronic Components Datasheet Search |
|
TLE6240GP Datasheet(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6240GP Datasheet(HTML) 24 Page - Infineon Technologies AG |
|
24 / 37 page ![]() TLE6240GP Smart 16-Channel Low-Side Switch Control of the Device Data Sheet 24 Rev.3.3, 2010-02-15 6.1.5 Control Byte - Detailed description In the following section the different control bytes will be described. X used within the control byte means: The following Control Byte descriptions are referring to the Overview Table 2. 6.1.5.1 Control Byte No.1 and 6 By clocking in this control byte, it is possible to get pure diagnostic information (two bits per channel) in accordance with Figure 21. The data bits are ignored, so that the state of the outputs are not influenced. This command is only active once unless the next control command is again “Diagnosis only”. Diagnostic information can be read out at any time with no change of the switching conditions. Figure 16 Example for two Consecutive Chip Select Cycles Table 3 Control Byte - Channel Group selection MSB Comment X X X X L L L L Command is valid for Channels 1 to 8 X X X X HHHH Command is valid for Channels 9 to 16 Control Byte Table 4 Control Byte No. 1 to 6 MSB Comment L LLL X X X X Diagnosis only Control Byte SI L L L L L L L L X X X X X X X X SO H H H H H H H H H H H H H H H H CS SI command: Diagnosis only for channels 1 to 8. No change of the output states SO diagnosis: No fault, normal function of channels 1 to 8 or 9 to 16 depending on previous SI command SI L L L L H H H H X X X X X X X X SO CS SI command: Diagnosis only for channels 9 to 16. No change of the output states ⇒ DIAG_2 provided during next chip select cycle SO diagnosis: 2 bit diagnosis performed for channels 1 to 8 DIAG_1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |