| Electronic Components Datasheet Search |
|
TLE6240GP Datasheet(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6240GP Datasheet(HTML) 22 Page - Infineon Technologies AG |
|
22 / 37 page ![]() TLE6240GP Smart 16-Channel Low-Side Switch Control of the Device Data Sheet 22 Rev.3.3, 2010-02-15 To drive all 16 channels and to get the complete diagnosis data of the TLE6240GP a two step access has to be performed as follows: Figure 14 First Access Figure 15 Second Access SI SO CS SI command: Control Byte 1 programs the operation mode of channels 1 to 8. Data Byte 1 gives the input information (on or off) for Channel 1 to 8. SO diagnosis: Diagnosis information of channel 1 to 8 or 9 to 16, depending on the SI control word before. Control Byte1 Data Byte1 16 bit Diagnosis SI SO CS Control Byte1 Data Byte1 DIAG_1 (Ch. 1 to 8) SI command: Control Byte 1 programs the operation mode of Channels 1 to 8. Data Byte 1 gives the input information (on or off) for Channel 1 to 8. SO diagnosis: 16 bit diagnosis information (two bit per channel) of channels 1 to 8 SI SO CS SI command: Control Byte 2 programs the operation mode of channels 9 to 16. Data Byte 2 gives the input information (on or off) for Channel 9 to 16. SO diagnosis: Diagnosis information of channel 1 to 8 or 9 to 16, depending on the SI control word before. Control Byte2 Data Byte2 16 bit Diagnosis SI SO CS Control Byte2 Data Byte2 DIAG_2 (Ch. 9 to 16) SI command: Control Byte 2 programs the operation mode of Channels 9 to 16. Data Byte 2 gives the input information (on or off) for Channel 9 to 16. SO diagnosis: 16 bit diagnosis information (two bit per channel) of channels 9 to 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |