Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21171STRPBF Datasheet(PDF) 20 Page - International Rectifier

Part # IRS21171STRPBF
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21171STRPBF Datasheet(HTML) 20 Page - International Rectifier

Back Button IRS21171STRPBF Datasheet HTML 16Page - International Rectifier IRS21171STRPBF Datasheet HTML 17Page - International Rectifier IRS21171STRPBF Datasheet HTML 18Page - International Rectifier IRS21171STRPBF Datasheet HTML 19Page - International Rectifier IRS21171STRPBF Datasheet HTML 20Page - International Rectifier IRS21171STRPBF Datasheet HTML 21Page - International Rectifier IRS21171STRPBF Datasheet HTML 22Page - International Rectifier IRS21171STRPBF Datasheet HTML 23Page - International Rectifier IRS21171STRPBF Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
20
Parameter Temperature Trends - 21171
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 34A. IRS21171 Turn-On Time
vs. Tem perature
Typ.
Max.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 34B. IRS21171 Turn-On Time
vs. Supply Voltage
Typ.
Max.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 35A. IRS21171 Turn-Off Tim e
vs. Temperature
Typ.
Max.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 35B. IRS21171 Turn-Off Time
vs. Supply Voltage
Typ.
Max.
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 36A. IRS21171 Logic "1" Input Voltage
vs. Temperature
Min.
1
2
3
4
5
10
12
14
16
18
20
Vcc Supply Voltage (V)
Figure 36B. IRS21171 Logic "1" Input Voltage
vs. Supply Voltage
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com