Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21171STRPBF Datasheet(PDF) 22 Page - International Rectifier

Part # IRS21171STRPBF
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21171STRPBF Datasheet(HTML) 22 Page - International Rectifier

Back Button IRS21171STRPBF Datasheet HTML 18Page - International Rectifier IRS21171STRPBF Datasheet HTML 19Page - International Rectifier IRS21171STRPBF Datasheet HTML 20Page - International Rectifier IRS21171STRPBF Datasheet HTML 21Page - International Rectifier IRS21171STRPBF Datasheet HTML 22Page - International Rectifier IRS21171STRPBF Datasheet HTML 23Page - International Rectifier IRS21171STRPBF Datasheet HTML 24Page - International Rectifier IRS21171STRPBF Datasheet HTML 25Page - International Rectifier IRS21171STRPBF Datasheet HTML 26Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
22
Figure 40. IRS2117/IRS2118 TJ
vs. Frequency (IRFBC20)
RGATE=33Ω, VCC=15V
Figure 41. IRS2117/IRS2118 TJ
vs. Frequency (IRFBC30)
RGATE=22Ω, VCC=15V
Figure 42. IRS2117/IRS2118 TJ
vs. Frequency (IRFBC40)
RGATE=15Ω, VCC=15V
Figure 43. IRS2117/IRS2118 TJ
vs. Frequency (IRFPE50)
RGATE=10Ω, VCC=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com