Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21171STRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS21171STRPBF
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21171STRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS21171STRPBF Datasheet HTML 1Page - International Rectifier IRS21171STRPBF Datasheet HTML 2Page - International Rectifier IRS21171STRPBF Datasheet HTML 3Page - International Rectifier IRS21171STRPBF Datasheet HTML 4Page - International Rectifier IRS21171STRPBF Datasheet HTML 5Page - International Rectifier IRS21171STRPBF Datasheet HTML 6Page - International Rectifier IRS21171STRPBF Datasheet HTML 7Page - International Rectifier IRS21171STRPBF Datasheet HTML 8Page - International Rectifier IRS21171STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
5
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply voltage
-0.3
625
VS
High-side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
V
VCC
Logic supply voltage
- 0.3
25
VIN
Logic input voltage
- 0.3
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient (fig.2)
---
50
V/ns
8 lead SOIC
---
0.625
PD
Package power dissipation @ TA ≤ +25˚C
8 lead PDIP
1.0
W
8 lead SOIC
---
200
RθJA
Thermal Resistance, junction to Ambient
8 lead PDIP
125
ºC/W
TJ
Junction temperature
---
150
TS
Storage temperature
-55
150
TL
Lead Temperature (soldering, 10 seconds)
---
300
ºC
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used
within the recommended conditions. The VS offset rating is tested with all supplies biased at 15 V
differential.
Symbol
Definition
Min.
Max.
Units
VB
High-Side floating supply absolute voltage
VS + 10
VS + 20
VS
High-side floating supply offset voltage
†
600
VST
Transient High side floating supply offset voltage
-50 (††)
600
VHO
High-side floating output voltage
VS
VB
VCC
Logic supply voltage
10
20
VIN
Logic input voltage
0
VCC
V
TA
Ambient Temperature
-40
125
ºC
† Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to – VBS.
†† Operational for transient negative VS of COM - 50 V with a 50 ns pulse width. Guaranteed by design.
Refer to the Application Information section of this datasheet for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com