Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271-2 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4271-2
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4271-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLE 4271-2
Data Sheet
7
Rev. 2.7, 2007-06-25
Table 4
Characteristics
V
I = 13.5 V; -40 °C ≤ Tj ≤ 125 °C; VINH > VU,INH (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Output voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ I
Q ≤ 550 mA;
6 V
≤ V
I ≤ 26 V
Output voltage
V
Q
4.90
5.00
5.10
V
26 V
≤ V
I ≤ 36 V;
I
Q ≤ 300 mA
Output current
limiting
I
Qmax
650
800
–
mA
V
Q = 0 V
Current
consumption
I
q = II
I
q
––6
µA
V
INH = 0 V; IQ = 0 mA
Current
consumption
I
q = II
I
q
–
800
–
µA
V
INH = 5 V; IQ = 0 mA
Current
consumption
I
q = II - IQ
I
q
–11.5
mA
I
Q = 5 mA
Current
consumption
I
q = II - IQ
I
q
–
5575mA
I
Q = 550 mA
Current
consumption
I
q = II - IQ
I
q
–
7090mA
I
Q = 550 mA; VI = 5 V
Drop voltage
V
dr
–
350
700
mV
I
Q = 550 mA
1)
Load regulation
∆V
Q
–
2550mV
I
Q = 5 to 550 mA;
V
I = 6 V
Supply voltage
regulation
∆V
Q
–
1225mV
V
I = 6 to 26 V
I
Q = 5 mA
Power supply Ripple
rejection
PSRR
–54
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com