Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271-2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4271-2
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4271-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Data Sheet
8
Rev. 2.7, 2007-06-25
TLE 4271-2
Reset Generator
Switching threshold
V
RT
4.5
4.65
4.8
V
–
Reset high voltage
V
ROH
4.5
––V
–
Saturation voltage
V
RO,SAT
–60
–
mV
R
intern = 30 kΩ;
1.0 V
≤ V
Q ≤ 4.5 V
Saturation voltage
V
RO,SAT
–
200
400
mV
I
R = 3 mA
2);
V
Q = 4.4 V
Reset pull-up
R
18
30
46
k
Ω
internally connected
to Q
Lower reset timing
threshold
V
LD
0.2
0.45
0.8
V
V
Q < VRT
Charge current
I
D
814
25
µA
V
D = 1.0 V
Upper timing
threshold
V
UD
1.4
1.8
2.3
V
–
Delay time
t
D
8
1318ms
C
D = 100 nF
Reset reaction time
t
RR
––3
µs
C
D = 100 nF
Overvoltage Protection
Turn-off voltage
V
I, ov
40
44
46
V
–
Inhibit
Turn-on voltage
V
U,INH
1.0
2.0
3.5
V
V
Q = high (> 4.5 V)
Turn-off voltage
V
L,INH
0.8
1.3
3.3
V
V
Q = low (< 0.8 V)
Inhibit current
I
INH
812
25
µA
V
INH = 5 V
Watchdog
Upper watchdog
switching threshold
V
UDW
1.4
1.8
2.3
V
–
Lower watchdog
switching threshold
V
LDW
0.2
0.45
0.8
V
–
Discharge current
I
DWD
1.5
2.7
3.5
µA
V
D = 1 V
Charge current
I
DWC
814
25
µA
V
D = 1 V
Watchdog period
t
WD,P
40
55
80
ms
C
D = 100 nF
Table 4
Characteristics (cont’d)
V
I = 13.5 V; -40 °C ≤ Tj ≤ 125 °C; VINH > VU,INH (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com