Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271-2 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4271-2
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4271-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 13Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet
10
Rev. 2.7, 2007-06-25
TLE 4271-2
Figure 3
Test Circuit
Figure 4
Circuit
3
2
V
V Ι
V INH
Ι
C D
Ι
D
5
D
4
WI
GND
V
6
AES01941
RO
V
V Q
470 nF
1000 F
Ι
µ
Ι
Ι
TLE 4271-2
17
Q
22 F
RO
µ
Ι
22 F
to MC
Reset
3
4
5
100 nF
AES01942
µ
470 nF
Input
TLE 4271-2
1
7
5 V-Output
6
2
e.g. KL 15
Input
Watchdog
Signal
from MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com