Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4252G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4252G
Description  Low Dropout Tracking Regulator 250 mA output current capability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4252G Datasheet HTML 1Page - Infineon Technologies AG TLE4252G Datasheet HTML 2Page - Infineon Technologies AG TLE4252G Datasheet HTML 3Page - Infineon Technologies AG TLE4252G Datasheet HTML 4Page - Infineon Technologies AG TLE4252G Datasheet HTML 5Page - Infineon Technologies AG TLE4252G Datasheet HTML 6Page - Infineon Technologies AG TLE4252G Datasheet HTML 7Page - Infineon Technologies AG TLE4252G Datasheet HTML 8Page - Infineon Technologies AG TLE4252G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLE 4252 G
Data Sheet
3
Rev. 1.0, 2008-05-09
Figure 2
Pin Configuration
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1I
Supply Voltage Input; Input for battery or a pre-regulated
voltage of a e.g. a DC to DC converter.
For compensating line influences, a capacitor to GND close
to the IC pins is recommended.
2EN
Enable Input; a high signal turns on the IC, with a low signal
the tracking regulator is turned off.
3GND
Ground; connect to TAB.
4ADJ
Adjust Input; input for the reference voltage which can be
connected directly or by voltage divider to the reference (see
“Application Information” on Page 8).
5Q
Regulator Output; block to GND with a capacitor close to the
IC pins, respecting the values given for its capacitance
C
Q
and ESR in table “Functional Range” on Page 5.
TAB
–
Connect to GND and heatsink area.
TLE4252 G_PINOUT. VSD
1
4
5
3
2
TAB
PG-TO-263 -5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com