Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4252G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4252G
Description  Low Dropout Tracking Regulator 250 mA output current capability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4252G Datasheet HTML 1Page - Infineon Technologies AG TLE4252G Datasheet HTML 2Page - Infineon Technologies AG TLE4252G Datasheet HTML 3Page - Infineon Technologies AG TLE4252G Datasheet HTML 4Page - Infineon Technologies AG TLE4252G Datasheet HTML 5Page - Infineon Technologies AG TLE4252G Datasheet HTML 6Page - Infineon Technologies AG TLE4252G Datasheet HTML 7Page - Infineon Technologies AG TLE4252G Datasheet HTML 8Page - Infineon Technologies AG TLE4252G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLE 4252 G
Data Sheet
5
Rev. 1.0, 2008-05-09
Note: Within the functional range the IC operates as described in the circuit description.
The electrical characteristics are specified within the conditions given in the
related electrical characteristics table.
.
Table 3
Functional Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
In- and Output Voltage
Supply voltage
V
I
3.5
–
40
V
V
I > VADJ + Vdr
Enable input voltage
V
EN
0–40
V
–
Adjust input voltage
V
ADJ
1.5
–
40
V
–
Error amplifier
common mode range
CMR
1.5
–
V
I -
0.5
V
V
Q ≤ VADJ + ∆VQ with
V
FB = VQ
Output Capacitor
Output Capacitor’s
Requirement
C
Q
10
––µF
–
ESR(C
Q)
––5
Ω
1)
Temperature
Junction temperature
T
j
-40
–
150
°C–
1) Relevant ESR value at
f = 10 kHz. Not subject to production test; specified by design.
Table 4
Thermal Resistance PG-TO263-5
1)
1) Not subject to production test; specified by design.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
Junction to case
R
thJC
–4.7
6K/W
–
Junction to ambient
R
thJA
–
24
–
K/W
2s2p PCB
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The
Product (Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x
70µm Cu, 2 x 35µm Cu). Where applicable, a thermal via array under the tab contacted the first inner copper
layer.
–
35
–
K/W
PCB heat sink area
600 mm
2 3)
3) Specified
R
thJA value is according to Jedec JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm3 board with 1 copper layer (1 x 70 µm Cu).
–
44
–
K/W
PCB heat sink area
300 mm
2 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com