Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4252G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4252G
Description  Low Dropout Tracking Regulator 250 mA output current capability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4252G Datasheet HTML 1Page - Infineon Technologies AG TLE4252G Datasheet HTML 2Page - Infineon Technologies AG TLE4252G Datasheet HTML 3Page - Infineon Technologies AG TLE4252G Datasheet HTML 4Page - Infineon Technologies AG TLE4252G Datasheet HTML 5Page - Infineon Technologies AG TLE4252G Datasheet HTML 6Page - Infineon Technologies AG TLE4252G Datasheet HTML 7Page - Infineon Technologies AG TLE4252G Datasheet HTML 8Page - Infineon Technologies AG TLE4252G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Type
Package
Marking
TLE 4252 G
PG-TO263-5
TLE4252G
Low Dropout Tracking Regulator
TLE 4252 G
Data Sheet
1
Rev. 1.0, 2008-05-09
Features
•
Output tracking tolerance to reference
≤ ±0.2%
•
Output voltage adjust down to 1.5 V
•
250 mA output current capability
•
Enable function
•
Very low current consumption in OFF mode
•
Wide operation range: up to 40 V
•
Wide temperature range: -40
°C ≤ T
j ≤ 150 °C
•
Output protected against short circuit
to GND and Battery
•
Overtemperature protection
•
Reverse polarity proof
•
Green Product (RoHS compliant)
•
AEC Qualified
Short Functional Description
The TLE 4252 is a monolithic integrated low-dropout voltage tracking regulator in a
PG-TO263-5 package. It is designed to supply off-board systems, e.g. sensors in engine
management systems under the severe conditions of automotive applications.
Therefore, the device is equipped with additional protection functions against reverse
polarity and short circuit to GND and battery.
With supply voltages up to 40 V, the output voltage follows a reference voltage with high
accuracy. The reference voltage can be applied directly to the adjust input or by an
external resistor divider. The minimum reference voltage at the component’s pin is 1.5 V.
The output is able to drive loads up to 250 mA following e.g. the 5 V output of a main
voltage regulator as reference.
The TLE 4252 tracking regulator can be switched into stand-by mode to reduce the
current consumption to less than 2µA. This feature makes the IC suitable for low power
battery applications.
This product is also available in a PG-TO252-5 package. See datasheet “TLE 4252 D”.


Similar Part No. - TLE4252G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4252 INFINEON-TLE4252 Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252 INFINEON-TLE4252 Datasheet
607Kb / 13P
Tracking Regulator
Rev. 1.4, 2007-03-20
TLE4252D INFINEON-TLE4252D Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252D INFINEON-TLE4252D Datasheet
607Kb / 13P
Tracking Regulator
Rev. 1.4, 2007-03-20
TLE4252D INFINEON-TLE4252D Datasheet
602Kb / 13P
Tracking Regulator
More results

Similar Description - TLE4252G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
250 mA Low Dropout Voltage Regulator
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
250-mA Low-Dropout Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
250-mA Adjustable, Low Dropout Regulator
08-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com