Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9211FDH Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
28 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
7.10 CCLK wake-up delay
The P89LPC9201/9211/922A1/9241/9251 has an internal wake-up timer that delays the
clock until it stabilizes depending on the clock source used. If the clock source is any of
the three crystal selections (low, medium and high frequencies) the delay is
1024 OSCCLK cycles plus 60
μsto100 μs. If the clock source is the internal RC
oscillator, the delay is 200
μs to 300 μs. If the clock source is watchdog oscillator or
external clock, the delay is 32 OSCCLK cycles.
7.11 CCLK modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a dividing
register, DIVM, to generate CCLK. This feature makes it possible to temporarily run the
CPU at a lower rate, reducing power consumption. By dividing the clock, the CPU can
retain the ability to respond to events that would not exit Idle mode by executing its normal
program at a lower rate. This can also allow bypassing the oscillator start-up time in cases
where Power-down mode would otherwise be used. The value of DIVM may be changed
by the program at any time without interrupting code execution.
7.12 Low power select
The P89LPC9201/9211/922A1/9241/9251 is designed to run at 18 MHz (CCLK)
maximum. However, if CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be
set to logic 1 to lower the power consumption further. On any reset, CLKLP is logic 0
allowing highest performance access. This bit can then be set in software if CCLK is
running at 8 MHz or slower.
Fig 8.
Block diagram of oscillator control
÷2
002aae428
RTC
ADC
(P89LPC9241/9251)
CPU
WDT
DIVM
CCLK
UART
OSCCLK
I2C-BUS
PCLK
TIMER 0 AND
TIMER 1
HIGH FREQUENCY
MEDIUM FREQUENCY
LOW FREQUENCY
XTAL1
XTAL2
RC OSCILLATOR
WITH CLOCK DOUBLER
WATCHDOG
OSCILLATOR
(7.3728 MHz/14.7456 MHz
± 1 %)
PCLK
RCCLK
(400 kHz
± 5 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com