Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9211FDH Datasheet(PDF) 60 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
60 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
Central frequency of watchdog oscillator = 400 kHz
Fig 29. Average watchdog oscillator frequency vs. VDD at −40 °C
Central frequency of watchdog oscillator = 400 kHz
Fig 30. Average watchdog oscillator frequency vs. VDD at +85 °C
VDD (V)
2.4
3.6
3.2
2.8
002aae349
−1.5
−2.5
−0.5
0.5
frequency
deviation
(%)
−3.5
VDD (V)
2.4
3.6
3.2
2.8
002aae350
−0.5
−1.5
0.5
1.5
frequency
deviation
(%)
−2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com