Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33931 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33931 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33931
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33931 Pin Connections
Table 1. 33931 Pin Definitions
A functional description of each pin can be found in the Functional Description section beginning on page 11.
Pin
Pin Name
Pin
Function
Formal Name
Definition
1
D1
Logic Input
Disable Input 1
(Active High)
When D1 is logic HIGH, both OUT1 and OUT2 are tri-stated. Schmitt trigger
input with ~80
μA source so default condition = disabled.
2
FB
Analog
Output
Feedback
The load current feedback output provides ground referenced 0.24% of the high
side output current. (Tie to GND through a resistor if not used.)
3
EN/D2
Logic Input
Enable Input
When EN/D2 is logic HIGH the H-bridge is operational. When EN/D2 is logic
LOW, the H-bridge outputs are tri-stated and placed in Sleep mode. (logic input
with ~80
μA sink so default condition = Sleep mode.)
4-6,40,39
VPWR
Power Input
Positive Power
Supply
These pins must be connected together physically as close as possible and
directly soldered down to a wide, thick, low resistance supply plane on the PCB.
7-9
OUT1
Power
Output
H-bridge Output 1
Source of high side MOSFET1 and drain of low side MOSFET1.
10,11,34,35
PGND
Power
Ground
Power Ground
High-current power ground pins must be connected together physically as
close as possible and directly soldered down to a wide, thick, low resistance
ground plane on the PCB.
36-38
OUT2
Power
Output
H-bridge Output 2
Source of high side MOSFET2 and drain of low side MOSFET2.
Tab
Tab
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
D1
FB
EN/D2
VPWR
VPWR
VPWR
OUT1
OUT1
OUT1
PGND
PGND
SF
IN1
IN2
CCP
VPWR
VPWR
OUT2
OUT2
OUT2
PGND
PGND
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com