Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33931 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33931 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33931
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 8.0 V
≤ VPWR ≤ 28 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
PWM Frequency(20)
fPWM
–
–
11
kHz
Maximum Switching Frequency During Current Limit Regulation(21)
fMAX
–
–
20
kHz
Output ON Delay(22)
VPWR = 14 V
tDON
–
–
18
μs
Output OFF Delay(22)
VPWR = 14 V
tDOFF
–
–
12
μs
ILIM Output Constant-OFF Time(23)
tA
15
20.5
32
μs
ILIM Blanking Time(24)
tB
12
16.5
27
μs
Disable Delay Time(25)
tDDISABLE
–
–
8.0
μs
Output Rise and Fall Time(26)
tF, tR
1.5
3.0
8.0
μs
Short-circuit/Over-temperature Turn-OFF (Latch-OFF) Time(27),(28)
tFAULT
–
–
8.0
μs
Power-ON Delay Time(28)
tPOD
–
1.0
5.0
ms
Output MOSFET Body Diode Reverse Recovery Time(28)
tRR
75
100
150
ns
Charge Pump Operating Frequency(28)
fCP
–
7.0
–
MHz
Notes
20.
The maximum PWM frequency should be limited to frequencies < 11 kHz in order to allow the internal high side driver circuitry time to
fully enhance the high side MOSFETs.
21.
The internal current limit circuitry produces a constant-OFF-time Pulse Width Modulation of the output current. The output load’s
inductance, capacitance, and resistance characteristics affect the total switching period (OFF-time + ON-time), and thus the PWM
frequency during current limit.
22.
* Output Delay is the time duration from 1.5 V on the IN1 or IN2 input signal to the 20% or 80% point (dependent on the transition direction)
of the OUT1 or OUT2 signal. If the output is transitioning HIGH-to-LOW, the delay is from 1.5 V on the input signal to the 80% point of
the output response signal. If the output is transitioning LOW-to-HIGH, the delay is from 1.5 V on the input signal to the 20% point of the
output response signal. See Figure 4, page 9.
23.
The time during which the internal constant-OFF time PWM current regulation circuit has tri-stated the output bridge.
24.
The time during which the current regulation threshold is ignored so that the short-circuit detection threshold comparators may have time
to act.
25.
* Disable Delay Time measurement is defined in Figure 5, page 9.
26.
Rise Time is from the 10% to the 90% level and Fall Time is from the 90% to the 10% level of the output signal with VPWR = 14 V, RLOAD
= 3.0 ohm. See Figure 6, page 9.
27.
Load currents ramping up to the current regulation threshold become limited at the ILIM value (see Figure 7). The short-circuit currents
possess a di/dt that ramps up to the ISCH or ISCL threshold during the ILIM blanking time, registering as a short-circuit event detection and
causing the shutdown circuitry to force the output into an immediate tri-state latch-OFF (see Figure 8). Operation in Current Limit mode
may cause junction temperatures to rise. Junction temperatures above ~160
°C will cause the output current limit threshold to “fold back”,
or decrease, until ~175
°C is reached, after which the TLIM thermal latch-OFF will occur. Permissible operation within this fold back region
is limited to non-repetitive transient events of duration not to exceed 30 seconds (see Figure 9).
28.
Parameter is Guaranteed By Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com