Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33931 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33931 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33931
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33931 Simplified Internal Block Diagram
VDD
LOGIC SUPPLY
CHARGE
PUMP
GATE DRIVE
AND
PROTECTION
LOGIC
CURRENT MIRROR
AND
CONSTANT OFF-TIME
PWM CURRENT REGULATOR
VCP
CCP
OUT1
OUT2
PGND
TO GATES
HS1
LS1
HS2
LS2
VPWR
VSENSE
ILIM PWM
HS1
HS2
LS1
LS2
LS2
IN1
IN2
EN/D2
D1
SF
FB
AGND
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com