Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMM5062 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMM5062 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
3
M9999-021910-B
Absolute Maximum Ratings
(1)
Supply Voltage (PVIN, SVIN)..............................
−0.3V to +6V
Output Switch Voltage (VSW) ........................... −0.3V to +6V
Output Switch Current (ISW) ......................Internally Limited
Logic Input Voltage (VEN, VPOR, VDLY)................. –0.3V to VIN
Control Voltage (CF, RC, COMP, FB) .................... –0.3V to VIN
Lead Temperature (soldering, 10sec.)....................... 260°C
Storage Temperature (Ts).........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.6V to 5.5V
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Thermal Resistance
MLF
® (θJC)..........................................................11°C/W
MLF
® (θJA)..........................................................30°C/W
Electrical Characteristics
(3)
TA = 25°C with VIN = VEN = 3.3V; VOUT = 1.8V, unless otherwise specified. Bold values indicate –40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage Range
2.6
5.5
V
VIN Turn On Voltage Threshold
(VIN Rising)
2.35
2.5
2.6
V
UVLO Hysteresis
260
mV
Quiescent Current (PWM Mode)
VEN = >1.34V; VFB = 1.1*VNOM (not switching)
1
2
mA
Shutdown Current
VEN = 0V
5
10
µA
[Adjustable] Feedback Voltage
± 2% (over temperature)
0.686
0.714
V
FB pin input current
1
nA
Current Limit
VFB = 0.9*VNOM
10
16.5
21
A
Output Voltage Line Regulation
VOUT 1.8V; VIN = 2.6 to 5.5V, ILOAD = 100mA
0.2
%
Output Voltage Load Regulation
100mA < ILOAD < 10A, Vin = 3.3V
0.2
%
Maximum Duty Cycle
VFB ≤ 0.5V
100
%
Switch ON-Resistance PFET
Switch ON-Resistance NFET
ISW = 1000mA VFB=0.5V
ISW = -1000mA VFB=0.9V
11
8
mΩ
mΩ
Oscillator Frequency
CF = 390pF
325
510
610
kHz
EN/DLY threshold voltage
1.14
1.24
1.34
V
EN/DLY source current
VIN = 2.6 to VIN = 5.5V
0.6
1
1.8
µA
RC Pin IRAMP
Ramp Control Current
0.6
1
1.8
µA
Power On Reset IPG(LEAK)
VPORH = 5.5V; POR = High
1
2
µA
µA
Output Logic-Low Voltage (undervoltage condition),
IPOR = 5mA
77
mV
Power On Reset VPG(LO)
Hysteresis
2
%
Power On Reset VPG
Threshold, % of VOUT below nominal
7.5
10
12.5
%
Over-temperature Shutdown
160
°C
Over-temperature Shutdown Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com