Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMM5062 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMM5062 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
4
M9999-021910-B
Typical Characteristics
Shutdown Current
vs. Input Voltage
0
1
2
3
4
5
6
7
23
45
6
INPUT VOLTAGE (V)
Shutdown Current
vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
Operating Current (no SW)
vs. Input Voltage
0
0.2
0.4
0.6
0.8
1
1.2
23
45
6
INPUT VOLTAGE (V)
Input Current (no SW)
vs. Temperature
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
-40 -20
0
20
406080 100 120
TEMPERATURE (°C)
Reference Voltage
vs. Input Voltage
0.692
0.694
0.696
0.698
0.7
0.702
0.704
0.706
0.708
234
5
6
INPUT VOLTAGE (V)
Reference Voltage
vs. Temperature
0.692
0.694
0.696
0.698
0.7
0.702
0.704
0.706
0.708
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
Enable Threshold
vs. Input Voltage
1.22
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Enable Threshold
vs. Temperature
1.22
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
-40 -20
0
20
40
60
80 100 120
TEM PERATURE (°C)
Switching Frequency
vs. Temperature
300
350
400
450
500
550
600
650
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VIN = 3.3V
TA = 25°C
TA = 25°C
TA = 25°C
Enable (ON)
TA = 25°C
Enable (ON)
VIN = 3.3V
CF = 390pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com