Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMM5062 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMM5062 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
9
M9999-021910-B
Functional Description
PVIN, SVIN
PVIN is the input supply to the internal 11m
Ω P-Channel
Power MOSFET. This should be connected externally to
the SVIN pin. The supply voltage range is from 2.6V to
5.5V. A 22µF ceramic is recommended for bypassing
each PVIN supply and 10µF capacitor for SVIN pin.
EN/DLY
This pin is internally fed with a 1µA current source to
SVIN. A delayed turn on is implemented by adding a
capacitor to this pin. The delay is proportional to the
capacitor value. The internal circuits are held off until
EN/DLY reaches the enable threshold of 1.24V.
RC
RC pin allows the slew rate of the output voltage to be
programmed by the addition of a capacitor from RC pin
to ground. RC pin is internally fed with a 1µA current
source and VOUT slew rate is proportional to the
capacitor and the 1µA source. The RC pin cannot be left
floating. Use a minimum capacitor value of 120pF or
longer.
DELAY
Adding a capacitor to this pin allows the delay of the
POR signal.
When VOUT reaches 90% of its nominal voltage, the
DELAY pin current source (1µA) starts to charge the
external capacitor. At 1.24V, POR is asserted high.
COMP
The MIC22950 uses an internal-compensation network
containing a fixed-frequency zero (phase-lead response)
and pole (phase-lag response) which allows the external
compensation network to be much simplified for stability.
The addition of a single capacitor and resistor will add
the necessary pole and zero for voltage-mode loop
stability using low-value, low-ESR ceramic capacitors.
FB
The FB pin provides the control path to control the
output. A resistor divider connecting the feedback to the
output is used to adjust the desired output voltage. Refer
to the feedback section in Applications Information of
this data sheet for more detail.
POR/PG
This is an open drain output. A 47k resistor can be used
for a pull-up to this pin. POR/PG is asserted high when
output voltage reaches 90% of nominal set voltage and
after the delay set by CDELAY. POR/PG is asserted low
without delay when enable is set low or when the output
goes below the
−10% threshold. For a power-good (PG)
function, the delay can be set to a minimum. This can be
done by removing the DELAY pin capacitor.
CF
This pin allows the setting of the switching frequency. A
200µA source current charges the capacitor on this pin
up to a voltage of 1V. At this point, CF pin capacitor is
then discharged with an internal N-Channel MOSFET
marking the end of the switching period. The capacitor
should be connected very close to the IC and grounded
directly to the SGND pin.
SW
This is the connection to the source of the internal P-
channel MOSFET and drain of the N-Channel MOSFET.
This is a high-frequency, high-power connection;
therefore, traces should be kept as short and as wide as
practical.
SGND
Internal signal ground for all low-power sections.
PGND
Internal ground connection to the source of the internal
N-Channel MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com