Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567ECVTANGGA Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
26
Freescale Semiconductor
Ethernet Interface and MII Management
7.2
DUART AC Electrical Specifications
Table 22 provides the AC timing parameters for the DUART interface.
8
Ethernet Interface and MII Management
This section provides the AC and DC electrical characteristics for eTSEC, MII management and Ethernet
interface inside QUICC Engine. Note that eTSEC and QE Ethernet have the same DC/AC characteristics.
8.1
GMII/MII/TBI/RGMII/RTBI/RMII Electrical Characteristics
The electrical characteristics specified here apply to all gigabit media independent interface (GMII), media
independent interface (MII), ten-bit interface (TBI), reduced gigabit media independent interface
(RGMII), reduced ten-bit interface (RTBI), and reduced media independent interface (RMII) signals
except management data input/output (MDIO) and management data clock (MDC). The RGMII and RTBI
interfaces are defined for 2.5 V, while the GMII and TBI interfaces can be operated at 3.3 or 2.5 V. Whether
the GMII, MII, or TBI interface is operated at 3.3 or 2.5 V, the timing is compatible with the IEEE 802.3
standard. The RGMII and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface
(RGMII) Specification Version 1.3 (12/10/2000). The RMII interface follows the RMII Consortium RMII
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—±10
μA
High-level output voltage
(OVDD = min, IOH = –100 μA)
VOH
OVDD – 0.2
—
V
Low-level output voltage
(OVDD = min, IOL = 100 μA)
VOL
—0.2
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 2 and Table 3.
Table 22. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
CCB clock/1,048,576
baud
1,2
Maximum baud rate
CCB clock/16
baud
1,3
Oversample rate
16
—
1,4
Notes:
1. Guaranteed by design
2. CCB clock refers to the platform clock.
3. Actual attainable baud rate will be limited by the latency of interrupt processing.
4. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are
sampled each 16th sample.
Table 21. DUART DC Electrical Characteristics (continued)
Parameter
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com